Electronic Components Datasheet Search
  English  ▼

X  

ADUCM320BBCZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 23Page - Analog Devices ADUCM320BBCZ Datasheet HTML 24Page - Analog Devices ADUCM320BBCZ Datasheet HTML 25Page - Analog Devices ADUCM320BBCZ Datasheet HTML 26Page - Analog Devices ADUCM320BBCZ Datasheet HTML 27Page - Analog Devices ADUCM320BBCZ Datasheet HTML 28Page - Analog Devices ADUCM320BBCZ Datasheet HTML 29Page - Analog Devices ADUCM320BBCZ Datasheet HTML 30Page - Analog Devices ADUCM320BBCZ Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Data Sheet
ADuCM320
Rev. C | Page 29 of 30
Figure 15. Recommended Circuit and Component Values
G11
L6
B6
PGND
RESET
RESET
GND
DGND
SWDIO
TX
SWCLK
AVDD
F9
L11
K11
A11
F11
H11
L7
K7
J5
F10
3.16k
Ω
0.47µF
4.7µF
0.47µF 0.47µF
B2
C1
E11
P1.1/SOUT
J2
SWDIO
H2
A3
A9
12pF
10nF
A6
PGND
L1
D10
ADuCM320
CDAMP2
CDAMP1
CDAMP0
PVDD3
PVDD2
PVDD1
PVDD0
XTALO
XTALI
RESET
RESET
A4
A8
B4
B8
B5
VDD1
CDAMP3
B7
SWCLK
P1.0/SIN/ECLKIN/PLAI[4]
P2.3/BM
K1
10k
Ω
PVDD
10nF
10nF
10nF
DVDD
VDD1
0.47µF 0.47µF
VDD1
10k
Ω
10µF
10µF
0.1µF
10kΩ
1.6Ω
VIN VOUT
EN
GND
DGND
AVDD
DVDD
AGND
AGND
0.1µF
10µF
ADP7102ARDZ3.3
0.1µF
VIN
SENSE0
PG
0.1µF
1.6Ω
VDD1
DGND DGND1
10µF
VIN VOUT
EN
GND
ADP1741ACPZ
SS
EP
10µF
30kΩ
10kΩ
10µF
+2.5V
10µF
ADJ
PVDD
12pF
PGND
PGND
PGND
DGND
NC
DVDD
AGND
0.1µF
AGND1
L2
K6
J1
D11
B1
K2
E10
B10
E9
B9
C3
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com