Electronic Components Datasheet Search
  English  ▼

X  

ADUCM320BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 18Page - Analog Devices ADUCM320BBCZ Datasheet HTML 19Page - Analog Devices ADUCM320BBCZ Datasheet HTML 20Page - Analog Devices ADUCM320BBCZ Datasheet HTML 21Page - Analog Devices ADUCM320BBCZ Datasheet HTML 22Page - Analog Devices ADUCM320BBCZ Datasheet HTML 23Page - Analog Devices ADUCM320BBCZ Datasheet HTML 24Page - Analog Devices ADUCM320BBCZ Datasheet HTML 25Page - Analog Devices ADUCM320BBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Data Sheet
ADuCM320
Rev. C | Page 21 of 30
ABSOLUTE MAXIMUM RATINGS
All requirements applicable to each pin must be met. Where
multiple limits apply to a pin each one must be met individually.
The limits apply according to the functionality of the pins at the
time. Pins that can be either analog or digital, that is, that have
two types indicated in the pin descriptions, must meet the limits
for both types. For pin types, see Table 11.
When powered up, it is required that all ground pins plus
ADC_REFN be connected together to a node referred to as
GND in Table 10. The limits that are listed must be reduced by
any difference between any GNDs. Also, it is required that
AVDD3 is connected to AVDD4 and that IOVDD1 to IOVDD3
are connected together.
Table 10. Absolute Maximum Ratings
Parameter
Rating
Any Pin to GND
−0.3 V to +3.9 V
Any PVDDx Pin to GND
−0.3 V to +2.8 V
MDIO1, MCK, and PRTADDR0-4 in
MDIO Mode to GND
−0.3 V to +2.1 V
Between Any of AVDDx, IOVDDx, and
VDD1 Pins
−0.3 V to +0.3 V
Any Type I Pin to GND2
−0.3 V to IOVDDx + 0.3 V
Any Type AI or AO Pin to GND3
−0.3 V to AVDDx + 0.3 V
Any IDACx, CDAMPx, IDACTST, IREF
to GND
−0.3 V to PVDDx + 0.3 V
ADC_REFP to GND
−0.3 V to AVDDx + 0.3 V
Total Positive GPIO Pin Currents
0 mA to 30 mA
Total Negative GPIO Pin Currents
−30 mA to 0 mA
Maximum Power Dissipation
1 W
Operating Ambient Temperature
Range
−40°C to +105°C
Storage Temperature Range
−65°C to +160°C
Operating Junction Temperature
Range
−40°C to +120°C
ESD HBM
2 kV
ESD FICDM
1 kV
1
Note this pin is always in MDIO mode.
2
This limit does not apply if no current can be drawn by external circuits on
IOVDDx because then IOVDD follows to a suitable level.
3
This limit does not apply if no current can be drawn by external circuits on
AVDDx because then AVDD follows to a suitable level.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com