Electronic Components Datasheet Search
  English  ▼

X  

ADUCM320BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADUCM320BBCZ
Description  Precision Analog Microcontroller, 14-Bit Analog Input/Output with MDIO Interface, ARM Cortex-M3
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM320BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADUCM320BBCZ Datasheet HTML 23Page - Analog Devices ADUCM320BBCZ Datasheet HTML 24Page - Analog Devices ADUCM320BBCZ Datasheet HTML 25Page - Analog Devices ADUCM320BBCZ Datasheet HTML 26Page - Analog Devices ADUCM320BBCZ Datasheet HTML 27Page - Analog Devices ADUCM320BBCZ Datasheet HTML 28Page - Analog Devices ADUCM320BBCZ Datasheet HTML 29Page - Analog Devices ADUCM320BBCZ Datasheet HTML 30Page - Analog Devices ADUCM320BBCZ Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Data Sheet
ADuCM320
Rev. C | Page 27 of 30
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. Typical Temperature Measurement vs. Internal Temperature
(VDD = 3.3 V, 50 kSPS)
Figure 10. Typical Pull-Up/Pull-Down Pin Current vs. Pin Voltage
(VDD = 3.3 V, 25°C)
Figure 11. Typical IDAC Headroom vs. IDAC Output Current
Figure 12. Typical PVDD AC PSRR vs. Frequency
Figure 13. Typical Output Voltage vs. Load Current
Figure 14. VDD1 Power-On Requirements
25000
30000
35000
40000
45000
50000
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
–10
0
10
20
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
PIN VOLTAGE (V)
MAX PULL UP
MIN PULL UP
MIN PULLDOWN
MAX PULLDOWN
0
50
100
150
200
250
300
350
0
25
50
75
100
125
150
IDAC OUTPUT CURRENT (mA)
IDAC 2
IDAC 3
IDAC 0
IDAC 1
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
FREQUENCY (Hz)
IDAC0
IDAC1
IDAC2
IDAC3
0
0.5
1.0
1.5
2.0
2.5
3.0
2
6
10
14
16
0
4
8
12
LOAD CURRENT (mA)
VOH MAX
VOH MIN
VOL MIN
VOL MAX
TIME (Not to Scale)
3.60
50ms min
DVDD MUST BE ABOVE 2.9V
FOR AT LEAST 50ms TO
COMPLETE POR
AFTER 50ms DVDD MUST
STAY ABOVE 2.85V INCLUDING
NOISE EXCURSIONS
2.90
2.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com