Electronic Components Datasheet Search
  English  ▼

X  

32859 Datasheet(PDF) 12 Page - Wiha Tools

Part # 32859
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32859 Datasheet(HTML) 12 Page - Wiha Tools

Back Button 32859 Datasheet HTML 8Page - Wiha Tools 32859 Datasheet HTML 9Page - Wiha Tools 32859 Datasheet HTML 10Page - Wiha Tools 32859 Datasheet HTML 11Page - Wiha Tools 32859 Datasheet HTML 12Page - Wiha Tools 32859 Datasheet HTML 13Page - Wiha Tools 32859 Datasheet HTML 14Page - Wiha Tools 32859 Datasheet HTML 15Page - Wiha Tools 32859 Datasheet HTML 16Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
1000Volt
10 Piece Insulated 3/8” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No.
Set includes the following:
5/16, 3/8, 7/16, 1/2,
lbs.
9/16, 5/8, 11/16, 3/4”
2.50
3/8” x 125mm Extension Bar
3/8” Ratchet - 190mm
1000Volt
10 Piece Insulated 3/8” Drive Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No.
Set includes the following:
8, 10, 11, 12, 13, 14, 17, 19mm
lbs.
3/8” x 125mm Extension Bar
2.50
3/8” Ratchet - 190mm
1000Volt
16 Piece Insulated 3/8” Drive Socket Set - Inch/Metric
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No.
Set includes the following:
5/16, 3/8, 7/16, 1/2,
lbs.
9/16, 5/8, 11/16, 3/4”
2.01
8, 10, 11, 12, 13, 14, 17, 19mm
Wiha Insulated 3/8” Sockets & Sets
Wiha Insulated 3/8” Sockets & Sets
Insulated 3/8” Drive Sockets - Insulation according to
EN/IEC 60900, DIN 7448 & CSA specification, up to 1000 Volt.
Individually Tested. CV steel, forged, oil-hardened.
Item
No.
Inch
lbs.
pkg.
1/4
.07
1
9/32
.07
1
5/16
.07
1
11/32
.07
1
3/8
.08
1
7/16
.08
1
1/2
.10
1
9/16
.10
1
5/8
.10
1
11/16
.13
1
3/4
.14
1
13/16
.17
1
7/8
.18
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
Insulated 3/8” Drive Sockets- Metric Insulation according to
VDE, EN/IEC 60900, DIN 7448 & CSA specification, up to 1000 Volt.
Individually Tested. Chrome-vanadium steel, forged, oil-hardened.
Item
No.
mm
lbs.
pkg.
6.0
.07
1
7.0
.07
1
8.0
.07
1
9.0
.07
1
10.0
.07
1
11.0
.08
1
12.0
.10
1
13.0
.10
1
14.0
.10
1
15.0
.10
1
16.0
.10
1
17.0
.11
1
18.0
.12
1
19.0
.14
1
20.0
.15
1
21.0
.17
1
22.0
.18
1
24.0
.26
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
12
31425
31428
31429
31430
31431
31432
31433
31434
31435
31436
31437
31438
31439
314
31506
31507
31508
31509
31510
31511
31512
31513
31514
31515
31516
31517
31518
31519
31520
31521
31522
31524
315
31493
31493
31590
31590
31491
31491
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com