Electronic Components Datasheet Search
  English  ▼

X  

32859 Datasheet(PDF) 25 Page - Wiha Tools

Part # 32859
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32859 Datasheet(HTML) 25 Page - Wiha Tools

Back Button 32859 Datasheet HTML 21Page - Wiha Tools 32859 Datasheet HTML 22Page - Wiha Tools 32859 Datasheet HTML 23Page - Wiha Tools 32859 Datasheet HTML 24Page - Wiha Tools 32859 Datasheet HTML 25Page - Wiha Tools 32859 Datasheet HTML 26Page - Wiha Tools 32859 Datasheet HTML 27Page - Wiha Tools 32859 Datasheet HTML 28Page - Wiha Tools 32859 Datasheet HTML 29Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25
7 Piece Nut Driver Set - Metric Sizes
Item
No.
mm
mm
mm
mm
lbs.
5.0
125
8.0
125
2.05
5.5
125
10.0
125
6.0
125
13.0
125
7.0
125
7 Piece Nut Driver Set - Inch Sizes
Item
No.
Inch
Inch
Inch
Inch
lbs.
3/16
5.0
3/8
5.0
2.24
7/32
5.0
7/16
5.0
1/4
5.0
1/2
5.0
5/16
5.0
5 Piece Nut Driver Set - Metric Sizes
Item
No.
mm
mm
mm
mm
lbs.
6.0
125
9.0
125
1.36
7.0
125
10.0
125
8.0
125
5 Piece Nut Driver Set - Inch Sizes
Item
No.
Inch
Inch
Inch
Inch
lbs.
7/32
5.0
3/8
5.0
1.52
1/4
5.0
1/2
5.0
5/16
5.0
Metric Nut Drivers, With Wiha-SoftFinish® Handle Insulation
According to ASTM F-1505-01, New VDE Specification 0682/part 201
and EN/IEC 60900, NFPA70E & CSA,
up to 1000 Volt. Individually
Tested. Blade CVM steel, hardened. Insulation molded directly onto
blade. Deep drawn 1” socket. Wiha-SoftFinish® handle, multi-component.
Item
No.
mm
mm
mm
Inch
lbs.
pkg.
4.0
125
236
9.3
.15
10
5.0
125
236
9.3
.16
10
5.5
125
236
9.3
.16
10
6.0
125
236
9.3
.16
10
7.0
125
243
9.6
.25
10
8.0
125
243
9.6
.25
10
9.0
125
243
9.6
.25
10
10.0
125
243
9.6
.27
10
11.0
125
243
9.6
.37
10
12.0
125
243
9.6
.38
10
13.0
125
243
9.6
.39
10
14.0
125
243
9.6
.39
10
15.0
125
243
9.6
.40
10
16.0
125
243
9.6
.42
10
17.0
125
243
9.6
.44
10
Inch Nut Drivers, With Wiha-SoftFinish® Handle
Item
No.
Inch
Inch
mm
Inch
lbs.
pkg.
5/32
5.0
236
9.3
.15
10
3/16
5.0
236
9.3
.15
10
7/32
5.0
236
9.3
.16
10
1/4
5.0
243
9.5
.24
10
5/16
5.0
243
9.5
.25
10
11/32
5.0
242
9.5
.26
10
3/8
5.0
243
9.5
.26
10
7/16
5.0
243
9.5
.36
10
1/2
5.0
243
9.5
.39
10
9/16
5.0
243
9.5
.39
10
5/8
5.0
243
9.5
.41
10
Wiha Insulated Nut Drivers
1000Volt
1000Volt
1000Volt
1000Volt
1000Volt
1000Volt
11 Piece Nut Driver Set - Inch Sizes
Item
No.
Inch
Inch
Inch
Inch
lbs.
5/32
5.0
3/8
5.0
3.00
3/16
5.0
7/16
5.0
7/32
5.0
1/2
5.0
1/4
5.0
9/16
5.0
5/16
5.0
5/8
5.0
11/32
5.0
322
32206
32209
32212
32215
32218
32221
32224
32227
32230
32233
32236
32238
32239
32240
32241
322
32255
32258
32261
32264
32267
32268
32270
32273
32276
32278
32280
32296
32296
32294
32294
32292
32292
32293
32293
32291
32291
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com