Electronic Components Datasheet Search
  English  ▼

X  

32859 Datasheet(PDF) 22 Page - Wiha Tools

Part # 32859
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32859 Datasheet(HTML) 22 Page - Wiha Tools

Back Button 32859 Datasheet HTML 18Page - Wiha Tools 32859 Datasheet HTML 19Page - Wiha Tools 32859 Datasheet HTML 20Page - Wiha Tools 32859 Datasheet HTML 21Page - Wiha Tools 32859 Datasheet HTML 22Page - Wiha Tools 32859 Datasheet HTML 23Page - Wiha Tools 32859 Datasheet HTML 24Page - Wiha Tools 32859 Datasheet HTML 25Page - Wiha Tools 32859 Datasheet HTML 26Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
Wiha Insulated
SlimLine Screwdriver Sets
6 Piece Insulated
SlimLine Slotted, Phillips & Square
Screwdrivers. Insulation According to ASTM F-1505-01, New VDE
Specification 0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to 1000 Volt. Individually Tested to 10,000Volts.
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
No.
Size
mm
mm
mm
lbs.
1.02
Phillips
1
80
Phillips
2
100
Square
1
100
Square
2
125
Slotted
4.5
125
Slotted
6.5
150
1000Volt
11 Piece Insulated
SlimLine Slotted, Phillips, Xeno &
Square Screwdrivers. Insulation According to ASTM F-1505-01,
New VDE Specification 0682/part 201 and EN/IEC 60900, NFPA70E
& CSA,
up to 1000 Volt. Individually Tested to 10,000Volts.
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
No.
Size
mm
mm
mm
lbs.
1.75
Phillips
1
80
Phillips
2
100
Square
1
100
Square
2
125
Xeno
1
80
Xeno
2
100
Slotted
3.5
100
Slotted
4.0
100
Slotted
4.5
125
Slotted
5.5
125
Slotted
6.5
150
1000Volt
8 Piece Insulated
SlimLine Slotted, Phillips & Square
Screwdrivers. Insulation According to ASTM F-1505-01, New VDE
Specification 0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to 1000 Volt. Individually Tested to 10,000Volts.
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
No.
Size
mm
mm
mm
lbs.
1.18
Phillips
1
80
Phillips
2
100
Square
1
100
Square
2
125
Slotted
3.5
100
Slotted
4.0
100
Slotted
4.5
125
Slotted
5.5
125
1000Volt
2 Pc. Insulated
SlimLine Slotted & Phillips Screwdrivers
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to 1000
Volt. Individually Tested to 10,000Volts. High quality CV steel,
through hardened.
SlimLine blades have up to 33% narrower insulation
diameter then standard insulated tools.
Item
No.
Size
mm
mm
mm
lbs.
2
100
4.5
125
.37
1000Volt
Wiha Slim
TECHNOLOGY
Achieves blade
diameters up to
33% narrower
utilizing Wiha
integrated
insulation
32198
32198
32197
32197
32196
32196
32189
32189
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com