Electronic Components Datasheet Search
  English  ▼

X  

32859 Datasheet(PDF) 32 Page - Wiha Tools

Part # 32859
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32859 Datasheet(HTML) 32 Page - Wiha Tools

Back Button 32859 Datasheet HTML 28Page - Wiha Tools 32859 Datasheet HTML 29Page - Wiha Tools 32859 Datasheet HTML 30Page - Wiha Tools 32859 Datasheet HTML 31Page - Wiha Tools 32859 Datasheet HTML 32Page - Wiha Tools 32859 Datasheet HTML 33Page - Wiha Tools 32859 Datasheet HTML 34Page - Wiha Tools 32859 Datasheet HTML 35Page - Wiha Tools 32859 Datasheet HTML 36Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
1000Volt
10 Piece Pliers & Screwdriver Set
Insulation According to VDE 0682/part 201, EN/IEC 60900, ASTM
F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested.
Item#
Set Includes:
lbs. 5.54
8.0” Combination Pliers
8.0” Long Nose
8.0” Side Cutters
8.0” Cable Cutters
6.3” Universal Wire Stripper
Insulated Phillips #1
Insulated Slotted 4.5mm
Insulated Phillips #2
Insulated Slotted 6.5mm
Insulated Phillips #3
10 Piece Pliers & Screwdriver Set. Insulation According
to VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E
& CSA,
up to 1000 volt. Individually Tested. Pliers drop-forged
from special tool steel, individually high frequency induction hardened,
chrome and nickel plated, mirror-polished. In canvas tool bag
Item#
Set Includes:
lbs. 6.64
8.0” Bent Nose
8.0” Combination Pliers
6.3” Long Nose
6.3” Side Cutters
Insulated Phillips #0
Insulated Slotted 3.0mm
Insulated Phillips #1
Insulated Slotted 4.5mm
Insulated Phillips #2
Insulated Slotted 6.5mm
12 Piece Pliers & Screwdriver Set In canvas tool bag
Item#
Set Includes:
lbs. 8.60
8.0” Bent Nose
8.0” Combination Pliers
6.3” Long Nose
6.3” Side Cutters
Insulated Slotted 4.5mm
Insulated Nut Driver 1/4”
Insulated Slotted 6.5mm
Insulated Nut Driver 5/16”
Insulated Phillips #1
Insulated Nut Driver 3/8”
Insulated Phillips #2
Insulated Nut Driver 1/2”
Item#
Set Includes:
lbs. 6.60
8.0” Long Nose
6.3” Side Cutters
9.0” Combination Pliers
8.0” High Leverage Cutters
6.3” Stripping Pliers
Insulated Slotted 2.5mm
Insulated Phillips #1
Insulated Slotted 3.0mm
Insulated Phillips #2
Insulated Slotted 3.5mm
Insulated Phillips #3
Insulated Slotted 4.5mm
Insulated Slotted 2.0mm
Insulated Slotted 6.5mm
14 Piece Pliers & Screwdriver Set
Insulation According to VDE 0682/part 201, EN/IEC 60900, ASTM
F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested.
Wiha Insulated Pliers with High Visibility Comfort Grip Handle
11 Piece Pliers & Screwdriver Set In Canvas Pouch
Item#
Set Includes:
lbs. 3.58
6.3” Long Nose
6.3” Side Cutters
8.0” Combination Pliers
6.3” Stripping Pliers
Insulated Slotted 2.5mm
Insulated Phillips #0
Insulated Slotted 3.5mm
Insulated Phillips #1
Insulated Slotted 4.5mm
Insulated Phillips #2
Insulated Slotted 6.0mm
1000Volt
1000Volt
1000Volt
1000Volt
32891
32891
32895
32895
32894
32894
32892
32892
32888
32888
• Pliers drop-forged
from special tool steel,
individually high
frequency induction
hardened, chrome
and nickel plated,
mirror-polished.
• In zipper carry case
• Pliers drop-forged
from special tool steel,
individually high
frequency induction
hardened, chrome
and nickel plated,
mirror-polished.
• In zipper carry case
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com