Electronic Components Datasheet Search
  English  ▼

X  

32859 Datasheet(PDF) 29 Page - Wiha Tools

Part # 32859
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32859 Datasheet(HTML) 29 Page - Wiha Tools

Back Button 32859 Datasheet HTML 25Page - Wiha Tools 32859 Datasheet HTML 26Page - Wiha Tools 32859 Datasheet HTML 27Page - Wiha Tools 32859 Datasheet HTML 28Page - Wiha Tools 32859 Datasheet HTML 29Page - Wiha Tools 32859 Datasheet HTML 30Page - Wiha Tools 32859 Datasheet HTML 31Page - Wiha Tools 32859 Datasheet HTML 32Page - Wiha Tools 32859 Datasheet HTML 33Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
29
WARNING!
Insulated Tools are intended to provide protection against accidental
contact with charged energized circuits. For maximum safety we
recommend de-energizing all circuits whenever possible before starting
work on electrical apparatus or conductors. Always visually inspect
insulation on tools before use, do not use tools if insulation shows signs
of wear or damage to the insulated areas of the tool. Wear appropriate
eye protection when using hand tools. Use NFPA70E certified insulated
protective outer wear when appropriate.
Use & Care Guide For Insulated Tools:
Store tools to minimize risk of damage to insulation, always wear
approved eye protection, Inspect insulation prior to each use of any
insulated tool. Use insulated tools where the ambient temperature
is between -20 to +70O C. Have a qualified safety technician visually
inspect insulation on tools annually for safe use.
80 Piece Insulated Master Electrician’s Tool Set In Rolling Water Tight Traveling Tool Box - 10,000Volt Tested, 1000Volt Rated
Item#
Set Includes:
lbs. 33.9
6.3” Long Nose Pliers
6.3” Diagonal Cutters
8.0” Long Nose Pliers
8.0” High Leverage Cutters
6.3” Bent Nose Pliers
6.3” Cable Cutters
6.3” Long Flat Nose Pliers
6.3” Stripping Pliers
9.0” Combo Pliers/Crimpers
8.0” Adjustable Wrench
1000Volt
Insulated Slotted 2.5mm
Insulated Slotted 3.0mm
Insulated Slotted 3.5mm
Insulated Slotted 4.0mm
Insulated Slotted 4.5mm
Insulated Slotted 5.5mm
Insulated Slotted 6.0mm
Insulated Slotted 6.5mm
Insulated Slotted 8.0mm
Insulated Slotted 10.0mm
Insulated Phillips #0
Insulated Phillips #1
Insulated Phillips #2
Insulated Phillips #3
Insulated Nut Driver 7/32”
Insulated Nut Driver 1/4”
Insulated Nut Driver 5/16”
Insulated Nut Driver 3/8”
Insulated Nut Driver 7/16”
Insulated T-handle Hex 5/32”
Insulated T-handle Hex 3/16”
Insulated T-handle Hex 7/32”
Insulated T-handle Hex 1/4”
Insulated T-handle Hex 5/16”
Insulated T-handle Hex 3/8”
Insulated Torx T6
Insulated Torx T7
Insulated Torx T8
Insulated Torx T9
Insulated Torx T10
Insulated Torx T15
Insulated Torx T20
Insulated Torx T25
Insulated Torx T30
Insulated Square #1
Insulated Square #2
Insulated Slt/Ph Terminal #1
Insulated Slt/Ph Terminal #2
Insulated Cable Knife 50mm
2 Meter Ruler In/MM
Insulated Nut Driver 5.0mm
Insulated Nut Driver 5.5mm
Insulated Nut Driver 6.0mm
Insulated Nut Driver 7.0mm
Insulated Nut Driver 8.0mm
Insulated Nut Driver 10.0mm
Insulated Nut Driver 13.0mm
Insulated T-handle Hex 4.0mm
Insulated T-handle Hex 5.0mm
Insulated T-handle Hex 6.0mm
Insulated T-handle Hex 8.0mm
Insulated Socket 1/2”
Insulated Socket 9/16”
Insulated Socket 5/8”
Insulated Socket 11/16”
Insulated Socket 3/4”
Insulated Socket 13/16”
Insulated Socket 7/8”
Insulated Socket 13mm
Insulated Socket 14mm
Insulated Socket 15mm
Insulated Socket 17mm
Insulated Socket 19mm
Insulated Socket 20mm
Insulated Socket 22mm
Insulated Ratchet 3/8” Drive
Insulated 4.9” Extension 3/8” Dr.
Insulated L-key 10mm
Insulated L-key 1/2”
Single Pole Voltage Detector-
110V to 250V
All Tools In
Dedicated
Positions For
Quick Storage
& Easy Location
Tracking
Wiha Insulated Tools-Comfort Grip Handles
32800
32800
www.wihatools.com
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com