Electronic Components Datasheet Search
  English  ▼

X  

32859 Datasheet(PDF) 19 Page - Wiha Tools

Part # 32859
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32859 Datasheet(HTML) 19 Page - Wiha Tools

Back Button 32859 Datasheet HTML 15Page - Wiha Tools 32859 Datasheet HTML 16Page - Wiha Tools 32859 Datasheet HTML 17Page - Wiha Tools 32859 Datasheet HTML 18Page - Wiha Tools 32859 Datasheet HTML 19Page - Wiha Tools 32859 Datasheet HTML 20Page - Wiha Tools 32859 Datasheet HTML 21Page - Wiha Tools 32859 Datasheet HTML 22Page - Wiha Tools 32859 Datasheet HTML 23Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
Wiha Insulated
SlimLine Tools
Insulated Slotted
SlimLine Blades High quality CV steel,
through hardened.
SlimLine blades have up to 33% narrower insulation
diameter then standard insulated tools. Working length 2.8”
Item
Slim
Max
Inch/
No.
mm
Inch
Inch
Dia.
Nm
lbs.
lbs.
Pkg.
3.0
.118
1/8
4.1
0.6
5.3
.02
1
4.0
.157
5/32
4.1
2.5
22.2
.02
1
5.5
.216
7/32
6.1
3.8
33.7
.02
1
6.5
.255
1/4
6.1
5.5
48.8
.02
1
Insulated Phillips
SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Item
Slim
Max
Inch/
No.
Size
Dia.
Nm
lbs.
lbs.
Pkg.
1
4.1
3.8
33.7
.02
1
2
6.1
5.5
48.8
.02
1
SlimLine Blade Holder, With Wiha-SoftFinish® Handle
Insulation According to VDE, ASTM F-1505-01 and EN/IEC 60900,
NFPA70E & CSA,
up to 1000 Volt.
Chrome-vanadium steel, through-hardened. Insulation molded
directly onto blade. Quick release holder securely lock blades.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
No.
Size
mm
Inch
mm
Inch lbs.
pkg.
1/4”
50
2.0
160
6.3
.15
1
1000Volt
Wiha Insulated
SlimLine Blades
Wiha Insulated
SlimLine Handle
33%
narrower
insulation
diameter
Slim
Diameter
Insulation Test Standards:
Insulation according to EN/IEC 60900,
ASTM F-1505-01, VDE 0682/part 201,
DIN 7437, NFPA70E & CSA specification
Wiha Slim
TECHNOLOGY
Achieves blade
diameters up to 33%
narrower utilizing
integrated insulation
Ideal for jobs
where access
is limited
Integrated Slim
Insulation molded
directly onto blade
High quality chrome
vanadium steel,
through-hardened
1000Volt Rated
Insulation does
not exceed screw
head diameter
10,000 Volt Tested
28301
28301
283
28308
28309
28312
28315
283
28317
28319
www.wihatools.com
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com