Electronic Components Datasheet Search
  English  ▼

X  

32859 Datasheet(PDF) 2 Page - Wiha Tools

Part # 32859
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32859 Datasheet(HTML) 2 Page - Wiha Tools

  32859 Datasheet HTML 1Page - Wiha Tools 32859 Datasheet HTML 2Page - Wiha Tools 32859 Datasheet HTML 3Page - Wiha Tools 32859 Datasheet HTML 4Page - Wiha Tools 32859 Datasheet HTML 5Page - Wiha Tools 32859 Datasheet HTML 6Page - Wiha Tools 32859 Datasheet HTML 7Page - Wiha Tools 32859 Datasheet HTML 8Page - Wiha Tools 32859 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Description
Page
Insulated Adjustable Wrenches
8
8.0, 10.0, 12.0, 15.0”
Wiha Insulated Adjustable Wrenches
Description
Page
Ins. 3/8” Hex Dr. Bit Sockets
10
Wiha Insulated 3/8” Hex Drive Bit Sockets
Arc Flash Protection:
Wiha Insulated tools can be a vital component in your Arc Flash
protection strategy. What is Arc Flash?
ARC FLASH
An Arc Flash is an electrical explosion due to a fault condition or short
circuit when either a phase to ground or phase to phase conductor is
connected. Arc flashes cause electrical equipment to explode, result-
ing in an arc-plasma fireball. Temperatures may exceed 35,000° F (the
surface of the sun is 9000° F). These high temperatures cause rapid
heating of surrounding air and extreme pressures, resulting in an arc
blast. The arc blast will likely vaporize all solid copper conductors which
will expand up to 67,000 times its original volume when it is vaporized.
The result of this violent event is usually destruction of the equipment
involved, fire, and severe injury or death to any nearby people.
WHY ARC FLASHES HAPPEN
There are a variety of reasons why an Arc Flash can occur, but most
of them are preventable. Most arc flashes occur when maintenance
workers are manipulating live equipment for testing or repair and
accidentally cause a fault. Improper tools, improper electrical
equipment, corrosion of equipment, improper work techniques and lack
of training are just some of the events that can lead to a devastating
arc flash or arc blast.
ARC FLASH COMPLIANCE
There are 4 main regulations that govern electrical safety & arc flash:
1.
OSHA Standards 29CFR, Part 1910. Occupational Safety and
Health Standards. 1910 sub part S (electrical) Standard number
1910.333 specifically addresses Standards for Work Practices and
references NFPA 70E. OSHA 29CFR 1910.335 (a) (1)(i) requires the
use of protective equipment when working where a potential electrical
hazard exists and 29CFR 1910.132(d)(1) which requires the employer
assess the workplace for hazards and the need for personal protective
equipment. OSHA compliance is required by any plant building or facility.
2.
The National Fire Protection Association (NFPA) Standard 70 -
2002 “The National Electrical Code” (NEC) contains requirements for
warning labels.
3. NFPA 70E provides guidance on implementing appropriate work
practices that are required to safeguard workers from injury while
working on or near exposed electrical conductors or circuit parts that
could become energized. Part II 2-1.3.3 regarding Arc Flash Analysis
states that a “Flash Hazard Analysis shall be done before a person
approaches any exposed electrical conductor or circuit part that has
not been placed in an electrical safe work condition”. This Arc Flash
Hazard Analysis must be done to determine the level of Personal
Protection Equipment PPE that a worker must use, and the Arc Flash
Boundary in inches along with the incident energy found at each
location. Each panel must be marked with an ANSI z535 approved Arc
Flash Warning Label.
4. The Institute of Electronics and Electrical Engineers (IEEE) 1584 –
2002 Guide to Performing Arc-Flash Hazard Calculations
copyright © information by: American Trainco, Inc.
http://www.martinarcflash.com
OSHA
Wiha tools assists with compliance of OSHA 29CFR 1910
(Sub Parts electrical standard)
Description
Page
Insulated Open End Spanners 4-5
Insulated Gear Wrenches
6
Ins. Offset Ring Wrenches
7
Description
Page
Insulated L-keys
9
Wiha Insulated L-keys
Description
Page
Insulated Sockets 1/4, 3/8, 1/2” 10-14
Insulated Ratchets
10,13,15
Insulated T-handle
10,13,15
Insulated Extension Bars
11,13,15
Wiha Insulated Socket Accessories
Description
Page
Insulated Knives
8
Wiha Insulated Electrician’s Knives
Description
Page
Insulated Cable Cutters
15
Wiha Insulated Cable Cutters
Wiha Insulated Wrenches
2
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com