Electronic Components Datasheet Search
  English  ▼

X  

32859 Datasheet(PDF) 38 Page - Wiha Tools

Part # 32859
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32859 Datasheet(HTML) 38 Page - Wiha Tools

Back Button 32859 Datasheet HTML 34Page - Wiha Tools 32859 Datasheet HTML 35Page - Wiha Tools 32859 Datasheet HTML 36Page - Wiha Tools 32859 Datasheet HTML 37Page - Wiha Tools 32859 Datasheet HTML 38Page - Wiha Tools 32859 Datasheet HTML 39Page - Wiha Tools 32859 Datasheet HTML 40Page - Wiha Tools 32859 Datasheet HTML 41Page - Wiha Tools 32859 Datasheet HTML 42Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Induction hardened
jaws and cutters
to 60 HRC
1000V
Two component ergo
cushion grip handles
New dynamic joint provides
40% easier cuts & significantly
longer tool life
38
Tools meet ASTM, IEC, VDE,
EN, NFPA & CSA standards
10,000 Volt tested
1000 Volt Rated
1000volt
Insulated Lineman’s Pliers With Crimpers
1000volt
1000volt
Insulated Long Nose Pliers With Cutters
Insulated Diagonal Cutters
Industrial
brushed finish
Insulated Industrial
Pliers & Cutters
Item
No.
mm
Inch
Pkg.
wt.
225
9.0
#4
1
.98
Insulated Industrial Lineman’s Pliers “5-In-1” Professional
Design Insulation According to EN/IEC, ASTM, NFPA70E & CSA,
up to 1000 volt. Individually Tested. Deep cut radius conduit
jaws for non-slip handling. Sure grip knurled & cross hatched flat jaw
for non-slip griping. Extra long induction hardened precision matched
cutting edges. Lower crimping jaw accepts most standard non-insulated
electrical connectors. Large head with square anvil surface on each side.
Premium CV tool steel forgings.
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg.
wt.
160
6.3
#10
1
.36
200
8.0
#8
1
.46
Insulated Industrial Long Nose Pliers With Cutters.
Insulation According to VDE 0682/part 201, EN/IEC 60900, ASTM
F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested.
Drop-forged from special tool steel, cutters additionally induction
hardened (approx. 60 HRC), half-round jaws, serrated gripping surface.
Industrial brushed finish. Ergonomic comfort grip with slip guard.
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg.
wt.
160
6.3
#6
1
.64
200
8.0
#6
1
.80
Insulated Industrial Diagonal Cutters. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually Tested. DIN ISO 5749 Low wear lap joint,
riveted and able to withstand high levels of load. Lightweight action,
clean cutting. Long term cutting is achieved through additional inductive
hardening to approx. 60 HRC. Special tool steel hardened & tempered.
Industrial brushed finish. For soft, medium hard wire & piano wire.
Cutting Capacity
Copper AWG
Long life high
performance
dynamic 60/40 joint
Long life high performance
dynamic 60/40 joint
Insulated Industrial Stripping Pliers. Insulation
According to VDE 0682/part 201, DIN 7437, EN/IEC 60900, ASTM
F-1505-01, NFPA70E & CSA, 1000 volt rated. Individually Tested.
DIN ISO 5745 Made from Premium CV tool steel forgings. Induction
hardened jaws and cutters to 60 HRC. Industrial brushed finish. Two
component ergo cushion grips for best user comfort. Spring & adjusting
screw, for stripping up to Ø 5mm/#4 Awg.
Item
No.
mm
Inch
Pkg.
wt.
160
6.3
#8 - #28
1
.46
1000volt
Insulated Stripping Pliers
Stripping Capacity
Copper AWG
32917
32917
329
32926
32923
329
32933
32929
32947
32947
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com