Electronic Components Datasheet Search
  English  ▼

X  

CHR2244 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2244 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CHR2244
5.8 GHz One Antenna Reflective Tag
Ref. : DSCHR2244QDG5053 - 22 Feb 05
2/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics (Full operating range)
Tamb = -30°C to +80°C
Symbol
Parameter
Test
Conditions
Min
Typ
Max
Unit
Fop
Operating RF frequency range
(1)
5.725
5.8
5.875
GHz
BW_rf
RF bandwidth
50
MHz
RL_rf (*)
RF input return loss
50
Ω
12
7
dB
Vcc
Bias voltage
2.7
3.1
3.6
V
WK_in_imp
(*)
WK_in port impedance
6
10
k
Ω
pF
T/R_imp (*)
T/R input port impedance
100
10
k
Ω
pF
T/R_t (*)
Transmit to Receive recovery time
150
µs
R/T_t (*)
Receive to Transmit recovery time
50
µs
(1) The centre frequency can be adjusted by a matching network located between the antenna and the RF
component.
(*) Note : Min & Max values include technological spreads, supply & temperature range effect.
STANDBY mode : T/R=‘0’ , MOD=‘0’ , WK_in=‘0’
Symbol
Parameter
Test
Conditions
Min
Typ
Max
Unit
SB_out_load
Standby output port
load impedance
1
10
M
Ω
pF
SB_out_v (*)
Standby output port
DC voltage
high level (1)
low level
Vcc-1
0
Vcc
1
V
V
RF_sb_bw
Amplitude modulation frequency
of RF for wake-up
250
500
kHz
RF_sb_p (*)
Amplitude modulated RF input
power for wake-up
(2)
-38
-43
dBm
Vcc_sb_i (*)
Standby DC current
(3)
8
20
µA
(1) The SB_out voltage is high when the RF input signal is AM modulated.
(2) Total transmitted power of the modulated signal (modulation index = 0.5)
(3) Without RF input signal
(*) Note : Min & Max values include technological spreads, supply & temperature range effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com