Electronic Components Datasheet Search
  English  ▼

X  

CHR2244 Datasheet(PDF) 13 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 13 Page - United Monolithic Semiconductors

Back Button CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 10Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 11Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 12Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 13Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 14Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 15Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 16Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
5.8 GHz One Antenna Reflective Tag
CHR2244
Ref. : DSCHR2244QDG5053 - 22 Feb 05
13/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
2 - When the WK_in is set to Vcc (TR remaining at 0V), the CHR2244 switches
to the
DOWNLINK MODE (figure 3a), allowing an optimized bandwidth for the demodulation. The received data
is demodulated and accessible at the DATA_out output.
Vcc
Det
T/R
0V
MOD
0V
WK_in
Vcc
DATA_out
to controller
RF in
AM
modulated
SB_out
Data from controller
TR
0V
WKIN
3V
DATA_out
RF-in
AM
modulated
Figure 3a : Downlink mode
The received AM modulated RF spectrum is as in standby mode.
IF 500kHz
RF
5,8GHz
MODULATOR
ATTENUATOR
CHR2244
+V
+WKIN
OSCILLOSCOPE
DATA_OUT
SB_OUT
Figure 3b : Downlink test bench diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com