Electronic Components Datasheet Search
  English  ▼

X  

CHR2244 Datasheet(PDF) 14 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 14 Page - United Monolithic Semiconductors

Back Button CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 10Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 11Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 12Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 13Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 14Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 15Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 16Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CHR2244
5.8 GHz One Antenna Reflective Tag
Ref. : DSCHR2244QDG5053 - 22 Feb 05
14/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
3 - In the UPLINK MODE (figure 4a), the received CW carrier (F0) is multiplied with the modulation
signal (Fm) coming from MOD input. In fact, if ETSI CEN TC278 recommendation is applied, the
modulation is around the sub-carrier Fm. The resulting reflected signal is a transposition of Fm around the
carrier F0 (F0 ± Fm) .
Det
T/R
Vcc
modulated
2MHz sub-
carrier
WK_in
Vcc
DATA_out
Vcc
SB_out
RF in
5.8GHz
CW
Data from controller
RF out
product of
5.8GHz
X
modulated
sub-carrier
RF-in
TR
3V
WKIN
3V
RF_out
Spectrum
modulated sub-carrier
around carrier
CARRIER
Figure 4a : Uplink mode
RF
5,8GHz
ATTENUATOR
SPECTRUM ANALYSER
CHR2244
+V
T/R
MOD
IF 500kHz
Figure 4b : Uplink test bench diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com