Electronic Components Datasheet Search
  English  ▼

X  

CHR2244 Datasheet(PDF) 12 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 12 Page - United Monolithic Semiconductors

Back Button CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 10Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 11Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 12Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 13Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 14Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 15Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 16Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CHR2244
5.8 GHz One Antenna Reflective Tag
Ref. : DSCHR2244QDG5053 - 22 Feb 05
12/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Tag operating modes
Within this transmission system, The CHR2244 operates in three basic modes depending on the WK_in
and T/R input signal levels. They are described hereafter :
1 - The STANDBY MODE (figure 2) is a very low power consumption state. In this mode an
Amplitude Modulated RF signal is necessary to produce a DC voltage at the SB_out output which may be
used to wake-up the CHR2244 by applying Vcc to the WK_in input.
Det
T/R
0V or HI
MOD
0V or HI
WK_in
0V or HI
DATA_out
RF in
AM
modulated
SB_out
to controller
Data from controller
RF-in
AM
modulated
TR
0V
WKIN
0V
SB_out
Vcc
Figure 2a : Standby mode
The received AM modulated RF spectrum is the following, versus the modulation index (m). This
plot is done for the minimum AM modulated RF input power ( -40 dBm ) and only for an ideal spectrum
with only 2 rows ( 5.7995 and 5.8005 GHz ) i.e. the 5.8 GHz carrier AM modulated with a 500 kHz signal.
7dB
9dB
12dB
5.8005GHz
5.7995GHz
5.8GHz
m=0.5
5.8GHz
5.8GHz
-40dBm
m=0.7
m=0.9
5.8005GHz
5.7995GHz
5.8005GHz
5.7995GHz
Figure 2b : AM modulated RF spectrum
IF 500kHz
RF
5,8GHz
MODULATOR
ATTENUATOR
CHR2244
+V
OSCILLOSCOPE
SB_OUT
Figure 2c : Standby test bench diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com