Electronic Components Datasheet Search
  English  ▼

X  

CHR2244 Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHR2244 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 10Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 11Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 12Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 13Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 14Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 15Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
5.8 GHz One Antenna Reflective Tag
CHR2244
Ref. : DSCHR2244QDG5053 - 22 Feb 05
11/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Application Information
General Transmission system
The transmission system is described as follows, the tag doesn’t generate any frequency :
Fo
F-AM
TRANSMIT
MODE
RECEIVE
MODE
RECEIVE
MODE
TRANSMIT
MODE
Fo
Fm
Fo
BEACON
TAG
DOWNLINK
figure 1a
UPLINK
figure 1b
BEACON
TAG
Figure 1 : Transmission system operating principle
Two modes of communication are implemented :
From beacon to tag (figure 1a) : the beacon is in transmit mode while the tag is in the receive
mode. The beacon sends an Amplitude Modulated (AM) RF signal to the tag. In figure 1a, F-AM is the
amplitude modulation frequency and F0 is the carrier.
From tag to beacon (figure 1b) : the beacon is in receive mode while the tag is in transmit mode.
The beacon sends a continuous wave (CW) RF signal to the tag, this signal is then mixed ( at tag level )
with the MOD input signal (Fm) thanks to a reflective mixer. The reflected signal is sent back to the beacon
and is demodulated thanks to an homodyne receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com