Electronic Components Datasheet Search
  English  ▼

X  

CHR2244 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHR2244 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 10Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
5.8 GHz One Antenna Reflective Tag
CHR2244
Ref. : DSCHR2244QDG5053 - 22 Feb 05
7/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Design Recommendations
n
All of the different inputs (TR, Mod) and outputs (SB_out, DATA_out) should be properly isolated
(separated enough or with a ground path between them).
n
As TR port is the most sensitive one, a specific circuit (see on diagram) can be used for high level of
isolation.
n
Device slug should be connected to RF ground plane through multiples vias (>=9).
n
An external matching may be required to optimize RF performances on 50
Ω impedance, versus
substrate height. A RF ground plane height of 0.008” (0.203mm) under the component (evaluation
board) provides the highest RF performances thanks to low RF ground inductance and low pin to pin
coupling.
Adjustment abilities:
Pin number
Pin name
Component
Description
7
SENS
R3
Standby sensitivity adjust port :
A value lower than 2.2M
Ω decreases Standby chain
sensitivity.
12
Ga_SB
R4
Standby amplifiers Gain adjust port :
A value lower than 680k
Ω increases Standby chain
sensitivity.
19
Ad
R5
Downlink threshold adjust port :
A value lower than 6.8M
Ω decreases Downlink chain
sensitivity.
20
Ga_WK
R6
Downlink amplifiers Gain adjust port :
A value lower than 220 k
Ω increases Downlink chain
sensitivity.
IMPORTANT NOTICE :
All this adjustments may cause non linear response of the performances versus resistors values. The
sensitivity is –1x(Minimum RF power for considered mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com