Electronic Components Datasheet Search
  English  ▼

X  

CHR2244 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHR2244 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 10Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 11Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CHR2244
5.8 GHz One Antenna Reflective Tag
Ref. : DSCHR2244QDG5053 - 22 Feb 05
8/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Adjustment abilities characterization:
Typical performance, Tamb = +25°C, Vcc = 3.1V
n
STANDBY sensitivity:
The maximum value of R3 resistor is 2.2M
Ω. It could be used in order to reduce the Standby sensitivity.
The R4 resistor should be used to set the Standby sensitivity higher or lower. The following table gives
the typical relation between R3, R4 and the Standby sensitivity.
R3 (M
Ω)
R4 (k
Ω)
Sensitivity (dB)
>2.2
indifferently
Non guaranteed functionality
2.2
100
S + 1.5 dB
2.2
220
S + 1 dB
2.2
390
S + 0.5 dB
2.2 (*)
680 (*)
S (*)
2.2
1200
S - 0.5 dB
2.2
3300
S - 1.5 dB
2.2
6800
S - 3 dB
2.2
No Resistor
S - 4 dB
1.5
No Resistor
S - 5 dB
(*) S is the sensitivity of a given chip in the recommended environment.
In the full operating range and the recommended environment, -|S| < -38 dBm in accordance with the
electrical characteristics.
n
DOWNLINK sensitivity:
R5 could be used in order to reduce the Downlink sensitivity or to set the compromise between
sensitivity and unwanted data, when no RF signal, due to noise or parasitic coupling. The R6 resistor
should be used to set the Downlink sensitivity higher or lower. The following table gives the typical
relation between R5, R6 and the Downlink sensitivity.
R5 (M
Ω)
R6 (k
Ω)
Sensitivity (dB)
No Resistor
10
S + 2 dB
No Resistor
47
S + 1.5 dB
No Resistor
220
S + 1 dB
No Resistor
No Resistor
S + 0.5 dB
6.8 (*)
No Resistor (*)
S (*) (1)
4.7
No Resistor
S - 1 dB
3.3
No Resistor
S - 2 dB
2.2
No Resistor
S - 3 dB
1.5
No Resistor
S - 4 dB
1
No Resistor
S - 5 dB
(*) S is the sensitivity of a given chip in the recommended environment.
In the full operating range and the recommended environment, -|S| < -38 dBm in accordance with the
electrical characteristics.
(1) A higher sensitivity than in recommended configuration may cause significant density of unwanted data
when RF is not modulated.
These data are random because of the component noise floor proximity, or can be sensitive to an
environment perturbation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com