Electronic Components Datasheet Search
  English  ▼

X  

CHR2244 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR2244 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5.8 GHz One Antenna Reflective Tag
CHR2244
Ref. : DSCHR2244QDG5053 - 22 Feb 05
3/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
DOWNLINK mode : T/R=‘0’ , MOD=‘0’ , WK_in=‘Vcc’
Symbol
Parameter
Test
Conditions
Min
Typ
Max
Unit
Data_out_load
Downlink output port
load impedance
CMOS compatible
Data_out_f
Amplitude demodulation frequency
250
500
kHz
Data_out_dc (*)
Data_out signal duty cycle
40
50
60
%
RF_dl_p (*)
Amplitude modulated RF input power
(1)
-38
-43
dBm
WK_in_i (*)
WK_in DC current
200
500
µA
(1) Total transmitted power of the modulated signal (modulation index = 0.5)
(*) Note : Min & Max values include technological spreads, supply & temperature range effect.
UPLINK mode : T/R=‘Vcc’ , WK_in=‘Vcc’
Symbol
Parameter
Test
Conditions
Min
Typ
Max
Unit
MOD_imp (*)
Modulated signal input port
impedance
100
10
k
Ω
pF
MOD_v
Modulated signal input port voltage
Square wave
(1)
0/Vcc
MOD_f
Uplink IF multiplier frequency
0.1
10
MHz
G_ul (*)
Uplink multiplier gain (DSB)
-7
-4
dB
WK_in_i (*)
WK_in DC current
200
500
µA
(1) The shape of the modulated signal can be optimized if better linearity is needed.
(*) Note : Min & Max values include technological spreads, supply & temperature range effect.
Absolute Maximum Ratings (1)
Tamb = -30°C to +80°C
Symbol
Parameter
Values
Unit
Vcc
Bias voltage
5
V
Wk_in_v
Wk_in input voltage
5
V
T/R_v
T/R input voltage
5
V
MOD_v
MOD input voltage
5
V
RF_sb_p
RF_dl_p
Maximum Standby and Downlink
RF input power (2)
+10
dBm
Top
Operating temperature range
-30 to +80
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com