Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3412 Datasheet(HTML) 4 Page - Analog Devices

  LTC3412 Datasheet HTML 1Page - Analog Devices LTC3412 Datasheet HTML 2Page - Analog Devices LTC3412 Datasheet HTML 3Page - Analog Devices LTC3412 Datasheet HTML 4Page - Analog Devices LTC3412 Datasheet HTML 5Page - Analog Devices LTC3412 Datasheet HTML 6Page - Analog Devices LTC3412 Datasheet HTML 7Page - Analog Devices LTC3412 Datasheet HTML 8Page - Analog Devices LTC3412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC3412
4
3412fc
For more information www.linear.com/LTC3412
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Load Current
LOAD CURRENT (A)
0.001
100
80
60
40
20
0
10
3412 G01
VIN = 3.3V
VOUT = 2.5V
Burst Mode OPERATION
FORCED CONTINUOUS
0.1
1
0.01
100
90
80
70
60
50
40
30
20
10
0
LOAD CURRENT (A)
0.001
10
3412 G02
VOUT = 2.5V
1MHz
Burst Mode OPERATION
0.1
1
0.01
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0.001
100
90
80
70
60
50
40
30
20
10
0
10
3412 G03
VOUT = 2.5V
1MHz
FORCED CONTINUOUS
0.1
1
0.01
VIN = 3.3V
VIN = 5V
Efficiency vs Frequency
Efficiency vs Input Voltage
Load Regulation
Load Step Transient Forced
Continuous
Burst Mode Operation
Load Step Transient Burst Mode
Operation
INPUT VOLTAGE (V)
2.55
3.05
3.55
4.05
4.55
5.05
98
96
94
92
90
88
86
3412 G04
VOUT = 2.5V
1MHz
Burst Mode OPERATION
LOAD = 100mA
LOAD = 1A
LOAD = 2.5A
FREQUENCY (kHz)
300 800 1300 1800 2300 2800 3300 3800
97
96
95
94
93
92
91
3412 G05
VIN = 3.3V
VOUT = 2.5V
LOAD = 1A
Burst Mode OPERATION
1µH
0.47µH
2.2µH
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0.02
0.00
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
–0.14
–0.16
–0.18
3412 G06
VIN = 3.3V
VOUT = 2.5V
4µs/DIV
3412 G07
20µs/DIV
3412 G08
20µs/DIV
3412 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com