Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3412 Datasheet(HTML) 2 Page - Analog Devices

  LTC3412 Datasheet HTML 1Page - Analog Devices LTC3412 Datasheet HTML 2Page - Analog Devices LTC3412 Datasheet HTML 3Page - Analog Devices LTC3412 Datasheet HTML 4Page - Analog Devices LTC3412 Datasheet HTML 5Page - Analog Devices LTC3412 Datasheet HTML 6Page - Analog Devices LTC3412 Datasheet HTML 7Page - Analog Devices LTC3412 Datasheet HTML 8Page - Analog Devices LTC3412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC3412
2
3412fc
For more information www.linear.com/LTC3412
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage....................................–0.3V to 6V
ITH, RUN, VFB Voltages ............................... –0.3V to VIN
SYNC/MODE Voltages................................. –0.3V to VIN
SW Voltage ................................... –0.3V to (VIN + 0.3V)
Peak SW Sink and Source Current ..........................6.5A
(Note 1)
1
2
3
4
5
6
7
8
TOP VIEW
FE PACKAGE
16-LEAD PLASTIC TSSOP
16
15
14
13
12
11
10
9
SVIN
PGOOD
ITH
VFB
RT
SYNC/MODE
RUN/SS
SGND
PVIN
SW
SW
PGND
PGND
SW
SW
PVIN
17
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 37.6°C/W, θJC = 10°C/W
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm × 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
RUN/SS
SGND
PVIN
SW
PGOOD
SVIN
PVIN
SW
EXPOSED PAD (PIN 17) IS SGND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 34°C/W, θJC = 1°C/W
ORDER INFORMATION http://www.linear.com/product/LTC3412#orderinfo
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3412EFE#PBF
LTC3412EFE#TRPBF
3412EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3412IFE#PBF
LTC3412IFE#TRPBF
3412IFE
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3412EUF#PBF
LTC3412EUF#TRPBF
3412
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3412EFE
LTC3412EFE#TR
3412EFE
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3412IFE
LTC3412IFE#TR
3412IFE
16-Lead Plastic TSSOP
–40°C to 125°C
LTC3412EUF
LTC3412EUF#TR
3412
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Operating Temperature Range (Note 2)....–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (Note 5) ............................. 125°C
Lead Temperature (Soldering, 10 sec) TSSOP ......300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com