Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3412 Datasheet(HTML) 3 Page - Analog Devices

  LTC3412 Datasheet HTML 1Page - Analog Devices LTC3412 Datasheet HTML 2Page - Analog Devices LTC3412 Datasheet HTML 3Page - Analog Devices LTC3412 Datasheet HTML 4Page - Analog Devices LTC3412 Datasheet HTML 5Page - Analog Devices LTC3412 Datasheet HTML 6Page - Analog Devices LTC3412 Datasheet HTML 7Page - Analog Devices LTC3412 Datasheet HTML 8Page - Analog Devices LTC3412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC3412
3
3412fc
For more information www.linear.com/LTC3412
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3412E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3412I is guaranteed to meet
specified performance over the –40°C to 85°C temperature range.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SVIN
Signal Input Voltage Range
2.625
5.5
V
VFB
Regulated Feedback Voltage
(Note 3)
l
0.784
0.800
0.816
V
IFB
Voltage Feedback Leakage Current
0.1
0.4
µA
∆VFB
Reference Voltage Line Regulation
VIN = 2.7V to 5.5V (Note 3)
l
0.04
0.2
%V
VLOADREG Output Voltage Load Regulation
Measured in Servo Loop, VITH = 0.36V
Measured in Servo Loop, VITH = 0.84V
l
l
0.02
–0.02
0.2
–0.2
%
%
∆VPGOOD Power Good Range
±7.5
±9
%
RPGOOD
Power Good Pull-Down Resistance
120
200
Ω
IQ
Input DC Bias Current
Active Current
Sleep
Shutdown
(Note 4)
VFB = 0.78V, VITH = 1V
VFB = 1V, VITH = 0V
VRUN = 0V, VMODE = 0V
250
62
0.02
330
80
1
µA
µA
µA
fOSC
Switching Frequency
Switching Frequency Range
ROSC = 309kΩ
(Note 6)
0.88
0.3
0.95
1.1
4
MHz
MHz
fSYNC
SYNC Capture Range
(Note 6)
0.3
4
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 1A (Note 7)
85
110
mΩ
RNFET
RDS(ON) of N-Channel FET
ISW = –1A (Note 7)
65
90
mΩ
ILIMIT
Peak Current Limit
4
5.4
A
VUVLO
Undervoltage Lockout Threshold
2.375
2.500
2.625
V
ILSW
SW Leakage Current
VRUN = 0V, VIN = 5.5V
0.1
1
µA
VRUN
RUN Threshold
0.5
0.65
0.8
V
IRUN
RUN/SS Leakage Current
1
µA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise specified.
Note 3: The LTC3412 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient temperature TA and power
dissipation as follows: LTC3412: TJ = TA + PD (37.6°C/W).
Note 6: 4MHz operation is guaranteed by design and not production tested.
Note 7: Switch on resistance is guaranteed by design and test correlation
in the UF package and by production test in the FE package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com