Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3412 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3412 Datasheet HTML 9Page - Analog Devices LTC3412 Datasheet HTML 10Page - Analog Devices LTC3412 Datasheet HTML 11Page - Analog Devices LTC3412 Datasheet HTML 12Page - Analog Devices LTC3412 Datasheet HTML 13Page - Analog Devices LTC3412 Datasheet HTML 14Page - Analog Devices LTC3412 Datasheet HTML 15Page - Analog Devices LTC3412 Datasheet HTML 16Page - Analog Devices LTC3412 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC3412
13
3412fc
For more information www.linear.com/LTC3412
APPLICATIONS INFORMATION
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3412 in dropout at an
input voltage of 3.3V, a load current of 2.5A and an ambi-
ent temperature of 70°C. From the typical performance
graph of switch resistance, the RDS(ON) of the P-channel
switch at 70°C is approximately 97mΩ. Therefore, power
dissipated by the part is:
PD = (ILOAD2)(RDS(ON)) = (2.5A)2(97mΩ) = 0.61W
For the TSSOP package, the θJA is 37.6°C/W. Thus the
junction temperature of the regulator is:
TJ = 70°C + (0.61W)(37.6°C/W) = 93°C
which is below the maximum junction temperature of
125°C.
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance (RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by look-
ing at the load transient response. Switching regulators
take several cycles to respond to a step in load current.
When a load step occurs, VOUT immediately shifts by an
amount equal to ∆ILOAD(ESR), where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability prob-
lem. The ITH pin external components and output capaci-
tor shown in Figure 1 will provide adequate compensation
for most applications.
Design Example
As a design example, consider using the LTC3412 in an
application with the following specifications: VIN = 2.7V to
4.2V, VOUT = 2.5V, IOUT(MAX) = 2.5A, IOUT(MIN) = 10mA, f
= 1MHz. Because efficiency is important at both high and
low load current, Burst Mode operation will be utilized.
First, calculate the timing resistor:
ROSC =
3.23•1011
1•106
−10k = 313k
Use a standard value of 309k. Next, calculate the inductor
value for about 40% ripple current at maximum VIN:
L =
2.5V
(1MHz)(1A)
⎛
⎝
⎜
⎞
⎠
⎟ 1−
2.5V
4.2V
⎛
⎝
⎜
⎞
⎠
⎟=1.01µH
Using a 1µH inductor, results in a maximum ripple cur-
rent of:
ΔIL =
2.5V
(1MHz)(1µH)
⎛
⎝
⎜
⎞
⎠
⎟ 1−
2.5V
4.2V
⎛
⎝
⎜
⎞
⎠
⎟=1.01A
COUT will be selected based on the ESR that is required to
satisfy the output voltage ripple requirement and the bulk
capacitance needed for loop stability. In this application,
two tantalum capacitors will be used to provide the bulk
capacitance and a ceramic capacitor in parallel to lower
the total effective ESR. For this design, two 100µF tanta-
lum capacitors in parallel with a 10µF ceramic capacitor
will be used. CIN should be sized for a maximum current
rating of:
IRMS= 2.5A
(
)
2.5V
4.2V
⎛
⎝
⎜
⎞
⎠
⎟
4.2V
2.5V
−1=1.23ARMS
Decoupling the PVIN and SVIN pins with a 22µF ceramic
capacitor and a 220µF tantalum capacitor is adequate for
most applications.
The burst clamp and output voltage can now be pro-
grammed by choosing the values of R1, R2 and R3. The
voltage on the MODE pin will be set to 0.32V by the resis-
tor divider consisting of R2 and R3. A burst clamp voltage
of 0.32V will set the minimum inductor current, IBURST,
as follows:
IBURST= 0.32V−0.2V
(
)
3.75V
0.8V
⎛
⎝
⎜
⎞
⎠
⎟= 563mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com