Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3412 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3412 Datasheet HTML 5Page - Analog Devices LTC3412 Datasheet HTML 6Page - Analog Devices LTC3412 Datasheet HTML 7Page - Analog Devices LTC3412 Datasheet HTML 8Page - Analog Devices LTC3412 Datasheet HTML 9Page - Analog Devices LTC3412 Datasheet HTML 10Page - Analog Devices LTC3412 Datasheet HTML 11Page - Analog Devices LTC3412 Datasheet HTML 12Page - Analog Devices LTC3412 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC3412
9
3412fc
For more information www.linear.com/LTC3412
OPERATION
APPLICATIONS INFORMATION
current signal at duty cycles in excess of 40%. Normally,
the maximum inductor peak current is reduced when
slope compensation is added. In the LTC3412, however,
slope compensation recovery is implemented to keep the
maximum inductor peak current constant throughout the
range of duty cycles. This keeps the maximum output cur-
rent relatively constant regardless of duty cycle.
Short-Circuit Protection
When the output is shorted to ground, the inductor cur-
rent decays very slowly during a single switching cycle.
To prevent current runaway from occurring, a secondary
current limit is imposed on the inductor current. If the
inductor valley current increases larger than 4.8A, the top
power MOSFET will be held off and switching cycles will
be skipped until the inductor current falls to a safe level.
The basic LTC3412 application circuit is shown in
Figure 1. External component selection is determined by
the maximum load current and begins with the selection
of the inductor value and operating frequency followed
by CIN and COUT.
Operating Frequency
Selection of the operating frequency is a tradeoff between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge and switching losses but
requires larger inductance values and/or capacitance to
maintain low output ripple voltage.
The operating frequency of the LTC3412 is determined
by an external resistor that is connected between the RT
pin and ground. The value of the resistor sets the ramp
current that is used to charge and discharge an internal
timing capacitor within the oscillator and can be calcu-
lated by using the following equation:
ROSC =
3.23•1011
f(Hz)
(Ω)−10kΩ
Although frequencies as high as 4MHz are possible, the
minimum on-time of the LTC3412 imposes a minimum
limit on the operating duty cycle. The minimum on-time
is typically 110ns. Therefore, the minimum duty cycle is
equal to 100 • 110ns • f(Hz).
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current ∆IL increases with higher VIN and decreases
with higher inductance.
ΔIL =
VOUT
fL
⎡
⎣⎢
⎤
⎦⎥
1−
VOUT
VIN
⎡
⎣
⎢
⎤
⎦
⎥
Having a lower ripple current reduces the ESR losses
in the output capacitors and the output voltage ripple.
Highest efficiency operation is achieved at low frequency
with small ripple current. This, however, requires a large
inductor.
A reasonable starting point for selecting the ripple current
is ∆IL = 0.4(IMAX). The largest ripple current occurs at the
highest VIN. To guarantee that the ripple current stays
below a specified maximum, the inductor value should
be chosen according to the following equation:
L =
VOUT
fΔIL(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟ 1−
VOUT
VIN(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation begins
when the peak inductor current falls below a level set by the
burst clamp. Lower inductor values result in higher ripple
current which causes this to occur at lower load currents.
This causes a dip in efficiency in the upper range of low
current operation. In Burst Mode operation, lower induc-
tance values will cause the burst frequency to increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com