Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3412 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3412 Datasheet HTML 3Page - Analog Devices LTC3412 Datasheet HTML 4Page - Analog Devices LTC3412 Datasheet HTML 5Page - Analog Devices LTC3412 Datasheet HTML 6Page - Analog Devices LTC3412 Datasheet HTML 7Page - Analog Devices LTC3412 Datasheet HTML 8Page - Analog Devices LTC3412 Datasheet HTML 9Page - Analog Devices LTC3412 Datasheet HTML 10Page - Analog Devices LTC3412 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC3412
7
3412fc
For more information www.linear.com/LTC3412
FUNCTIONAL BLOCK DIAGRAM
–
+
2
7
4
–
+
+
–
–
+
0.74V
ERROR
AMPLIFIER
SYNC/MODE
BURST
COMPARATOR
BCLAMP
NMOS
CURRENT
COMPARATOR
PMOS CURRENT
COMPARATOR
REVERSE
CURRENT
COMPARATOR
0.86V
RUN
RUN/SS
15
13
12
14
11
SW
P-CH
N-CH
10
PGOOD
3
ITH
VFB
0.8V
5
RT
6
SYNC/MODE
3412 FBD
16
PVIN
9
8
SGND
1
SVIN
SLOPE
COMPENSATION
VOLTAGE
REFERENCE
OSCILLATOR
LOGIC
SLOPE
COMPENSATION
RECOVERY
–
+
–
+
+
–
PGND
+–
OPERATION
Main Control Loop
The LTC3412 is a monolithic, constant-frequency, current
mode step-down DC/DC converter. During normal opera-
tion, the internal top power switch (P-channel MOSFET) is
turned on at the beginning of each clock cycle. Current in
the inductor increases until the current comparator trips
and turns off the top power MOSFET. The peak inductor
current at which the current comparator shuts off the top
power switch is controlled by the voltage on the ITH pin.
The error amplifier adjusts the voltage on the ITH pin by
comparing the feedback signal from a resistor divider on
the VFB pin with an internal 0.8V reference. When the load
current increases, it causes a reduction in the feedback
voltage relative to the reference. The error amplifier raises
the ITH voltage until the average inductor current matches
the new load current. When the top power MOSFET shuts
off, the synchronous power switch (N-channel MOSFET)
turns on until either the bottom current limit is reached or
the beginning of the next clock cycle. The bottom current
limit is set at –2A for forced continuous mode and 0A for
Burst Mode operation.
The operating frequency is set by an external resistor
connected between the RT pin and ground. The practical
switching frequency can range from 300kHz to 4MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com