Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3412 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3412 Datasheet HTML 4Page - Analog Devices LTC3412 Datasheet HTML 5Page - Analog Devices LTC3412 Datasheet HTML 6Page - Analog Devices LTC3412 Datasheet HTML 7Page - Analog Devices LTC3412 Datasheet HTML 8Page - Analog Devices LTC3412 Datasheet HTML 9Page - Analog Devices LTC3412 Datasheet HTML 10Page - Analog Devices LTC3412 Datasheet HTML 11Page - Analog Devices LTC3412 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC3412
8
3412fc
For more information www.linear.com/LTC3412
OPERATION
Overvoltage and undervoltage comparators will pull the
PGOOD output low if the output voltage comes out of
regulation by ±7.5%. In an overvoltage condition, the
top power MOSFET is turned off and the bottom power
MOSFET is switched on until either the overvoltage con-
dition clears or the bottom MOSFET’s current limit is
reached.
Forced Continuous Mode
Connecting the SYNC/MODE pin to SVIN will disable Burst
Mode operation and force continuous current operation.
At light loads, forced continuous mode operation is less
efficient than Burst Mode operation but may be desirable
in some applications where it is necessary to keep switch-
ing harmonics out of a signal band. The output voltage
ripple is minimized in this mode.
Burst Mode Operation
Connecting the SYNC/MODE pin to a voltage between
0V to 1V enables Burst Mode operation. In Burst Mode
operation, the internal power MOSFETs operate intermit-
tently at light loads. This increases efficiency by minimiz-
ing switching losses. During Burst Mode operation, the
minimum peak inductor current is externally set by the
voltage on the SYNC/MODE pin and the voltage on the
ITH pin is monitored by the burst comparator to deter-
mine when sleep mode is enabled and disabled. When the
average inductor current is greater than the load current,
the voltage on the ITH pin drops. As the ITH voltage falls
below 150mV, the burst comparator trips and enables
sleep mode. During sleep mode, the top MOSFET is held
off and the ITH pin is disconnected from the output of the
error amplifier. The majority of the internal circuitry is
also turned off to reduce the quiescent current to 62µA
while the load current is solely supplied by the output
capacitor. When the output voltage drops, the ITH pin is
reconnected to the output of the error amplifier and the
top power MOSFET along with all the internal circuitry is
switched back on. This process repeats at a rate that is
dependent on the load demand.
Pulse skipping operation can be implemented by connect-
ing the SYNC/MODE pin to ground. This forces the burst
clamp level to be at 0V. As the load current decreases, the
peak inductor current will be determined by the voltage
on the ITH pin until the ITH voltage drops below 200mV. At
this point, the peak inductor current is determined by the
minimum on-time of the current comparator. If the load
demand is less than the average of the minimum on-time
inductor current, switching cycles will be skipped to keep
the output voltage in regulation.
Frequency Synchronization
The internal oscillator of the LTC3412 can be synchro-
nized to an external clock connected to the SYNC/MODE
pin. The frequency of the external clock can be in the
range of 300kHz to 4MHz. For this application, the oscil-
lator timing resistor should be chosen to correspond to
a frequency that is 25% lower than the synchronization
frequency. During synchronization, the burst clamp is set
to 0V and each switching cycle begins at the falling edge
of the external clock signal.
Dropout Operation
When the input supply voltage decreases toward the out-
put voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces
the main switch to remain on for more than one cycle
eventually reaching 100% duty cycle. The output voltage
will then be determined by the input voltage minus the
voltage drop across the internal P-channel MOSFET and
the inductor.
Low Supply Operation
The LTC3412 is designed to operate down to an input sup-
ply voltage of 2.625V. One important consideration at low
input supply voltages is that the RDS(ON) of the P-channel
and N-channel power switches increases. The user should
calculate the power dissipation when the LTC3412 is used
at 100% duty cycle with low input voltages to ensure that
thermal limits are not exceeded.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant fre-
quency architectures by preventing subharmonic oscilla-
tions at duty cycles greater than 50%. It is accomplished
internally by adding a compensating ramp to the inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com