Electronic Components Datasheet Search
  English  ▼

X  

LTC3412 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3412
Description  2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3412 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3412 Datasheet HTML 7Page - Analog Devices LTC3412 Datasheet HTML 8Page - Analog Devices LTC3412 Datasheet HTML 9Page - Analog Devices LTC3412 Datasheet HTML 10Page - Analog Devices LTC3412 Datasheet HTML 11Page - Analog Devices LTC3412 Datasheet HTML 12Page - Analog Devices LTC3412 Datasheet HTML 13Page - Analog Devices LTC3412 Datasheet HTML 14Page - Analog Devices LTC3412 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC3412
11
3412fc
For more information www.linear.com/LTC3412
APPLICATIONS INFORMATION
the power is supplied by a wall adapter through long wires,
a load step at the output can induce ringing at the input,
VIN. At best, this ringing can couple to the output and be
mistaken as loop instability. At worst, a sudden inrush
of current through the long wires can potentially cause
a voltage spike at VIN large enough to damage the part.
Output Voltage Programming
The output voltage is set by an external resistive divider
according to the following equation:
VOUT =0.8V 1+
R2
R1
⎛
⎝
⎜
⎞
⎠
⎟
The resistive divider allows the VFB pin to sense a fraction
of the output voltage as shown in Figure 2.
LTC3412
VFB
VOUT
SGND
3412 F02
R2
R1
Figure 2. Setting the Output Voltage
Burst Clamp Programming
If the voltage on the SYNC/MODE pin is less than VIN by
1V, Burst Mode operation is enabled. During Burst Mode
operation, the voltage on the SYNC/MODE pin determines
the burst clamp level which sets the minimum peak induc-
tor current, IBURST, for each switching cycle according to
the following equation:
IBURST = VBURST −0.2V
(
)
3.75A
0.8V
⎛
⎝
⎜
⎞
⎠
⎟
VBURST is the voltage on the SYNC/MODE pin. IBURST can
be programmed in the range of 0A to 3.75A. For values
of VBURST greater than 1V, IBURST is set at 3.75A. For
values of VBURST less than 0.2V, IBURST is set at 0A. As
the output load current drops, the peak inductor current
decreases to keep the output voltage in regulation. When
the output load current demands a peak inductor current
that is less than IBURST, the burst clamp will force the peak
inductor current to remain equal to IBURST regardless of
further reductions in the load current. Since the average
inductor current is greater than the output load current,
the voltage on the ITH pin will decrease. When the ITH
voltage drops to 150mV, sleep mode is enabled in which
both power MOSFETs are shut off along with most of the
circuitry to minimize power consumption. All circuitry is
turned back on and the power MOSFETs begin switching
again when the output voltage drops out of regulation.
The value for IBURST is determined by the desired amount
of output voltage ripple. As the value of IBURST increases,
the sleep period between pulses and the output voltage
ripple increase. The burst clamp voltage, VBURST, can be
set by a resistor divider from the VFB pin to the SGND pin
as shown in Figure 1.
Pulse skipping, which is a compromise between low
output voltage ripple and efficiency, can be implemented
by connecting the SYNC/MODE pin to ground. This sets
IBURST to 0A. In this condition, the peak inductor current is
limited by the minimum on-time of the current comparator,
and the lowest output voltage ripple is achieved while still
operating discontinuously. During very light output loads,
pulse skipping allows only a few switching cycles to be
skipped while maintaining the output voltage in regulation.
Frequency Synchronization
The LTC3412’s internal oscillator can be synchronized
to an external clock signal. During synchronization, the
top MOSFET turn-on is locked to the falling edge of the
external frequency source. The synchronization frequency
range is 300kHz to 4MHz. Synchronization only occurs
if the external frequency is greater than the frequency
set by the external resistor. Because slope compensation
is generated by the oscillator’s RC circuit, the external
frequency should be set 25% higher than the frequency
set by the external resistor to ensure that adequate slope
compensation is present.
Soft-Start
The RUN/SS pin provides a means to shut down the
LTC3412 as well as a timer for soft-start. Pulling the RUN/
SS pin below 0.5V places the LTC3412 in a low quiescent
current shutdown state (IQ < 1µA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com