Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 4 Page - Analog Devices

  AD7152 Datasheet HTML 1Page - Analog Devices AD7152 Datasheet HTML 2Page - Analog Devices AD7152 Datasheet HTML 3Page - Analog Devices AD7152 Datasheet HTML 4Page - Analog Devices AD7152 Datasheet HTML 5Page - Analog Devices AD7152 Datasheet HTML 6Page - Analog Devices AD7152 Datasheet HTML 7Page - Analog Devices AD7152 Datasheet HTML 8Page - Analog Devices AD7152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7152/AD7153
Rev. 0 | Page 4 of 24
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
POWER REQUIREMENTS
VDD-to-GND Voltage
2.7
3.6
V
VDD = 3.3 V, nominal
Current, IDD9
100
120
μA
Current Power-Down Mode, IDD9
1
5
μA
Temperature ≤ 25°C
3
10
μA
Temperature = 85°C
1 Capacitance units: 1 pF = 10−12 F; 1 fF = 10−15 F; 1 aF = 10−18 F.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Except Channel 2 in differential mode. To achieve the specified performance in differential mode, the I2C interface must be idle during the capacitance conversion to
prevent signal coupling from the SCL pin to the adjacent CIN2(−) pin.
4 Factory calibrated. The absolute error includes factory gain calibration error and integral nonlinearity error all at 25°C. At different temperatures, compensation for
gain drift over temperature is required.
5 Specification is not production tested but guaranteed by design.
6 A system offset calibration is effectively a conversion; therefore, the offset error is of the order of the conversion noise. This applies after calibration at the temperature,
capacitive input range, and applied VDD of interest. The capacitive input offset can be reduced using a system offset calibration. Large offsets should be removed using
CAPDACs.
7 The gain error is factory calibrated at 25°C. At different temperatures, compensation for gain drift over temperature is required.
8 The CAPDAC resolution is five bits in the actual CAPDAC full range. Using the on-chip offset calibration or adjusting the capacitive offset calibration register can
further reduce the CIN offset or the unchanging CIN component.
9 Digital inputs equal to VDD or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com