Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7152 Datasheet HTML 11Page - Analog Devices AD7152 Datasheet HTML 12Page - Analog Devices AD7152 Datasheet HTML 13Page - Analog Devices AD7152 Datasheet HTML 14Page - Analog Devices AD7152 Datasheet HTML 15Page - Analog Devices AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices AD7152 Datasheet HTML 18Page - Analog Devices AD7152 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD7152/AD7153
Rev. 0 | Page 15 of 24
DATA REGISTERS
Address 0x01, Address 0x02 for Channel 1
Address 0x03, Address 0x04 (AD7152
Only) Channel 2
16 Bits, Read-Only, Default Value 0x0000
Data from the last complete capacitance-to-digital conversion
reflects the capacitance on the input. Only the 12 MSBs of the
data registers are used for the CDC result. The 4 LSBs are
always 0, as shown in Figure 24.
BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2
12-BIT CDC RESULT
BIT 1 BIT 0 BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2
DATA HIGH
MSB
DATA LOW
LSB
BIT 1 BIT 0
0
Figure 24. CDC Data Register
The AD7152/AD7153 are factory gain calibrated and map the
CDC full-scale raw data range of 0x3000 to 0xCFF0F to a CDC
full-scale data register range of 0x0000 to 0xFFF0 (see Table 9).
Table 9. AD7152/AD7153 Capacitance-to-Data Mapping
Data Reg
Input Capacitance (4 pF range)
Differential Mode
Single-Ended Mode
0x0000
Negative full scale (–2 pF)
Zero scale (0 pF)
0x8000
Zero scale (0 pF)
Midscale (2 pF)
0xFFF0
Positive full scale (+2 pF)
Full scale (4 pF)
The data register output in differential mode is internally
calculated using the following equation:
Data Reg = (Code – (Offset Reg – 0x8000)) × Gain + 0x8000 (1)
The input capacitance can be calculated from the output data
using the following equation:
Range
Input
x
Reg
Data
C
×
−
=
0
xFFF
0
8000
0
(pF)
(2)
The data register output in single-ended mode is internally
calculated using the following equation:
Data Reg = (Code − (Offset Reg − 0x3000)) × Gain
(3)
The input capacitance can be calculated from the output data
using the following equation:
Range
Input
Reg
Data
C
×
=
0
xFFF
0
(pF)
(4)
where Input Range = 4 pF, 2 pF, 1 pF, or 0.5 pF.
A data register is updated after a finished conversion on the
capacitive channel, with one exception: when the serial interface
read operation from the data register is in progress, the data
register is not updated and the new capacitance conversion
result is lost.
The stop condition on the serial interface is considered to be the
end of the read operation.
Therefore, to prevent incorrect data reading through the
serial interface, the two bytes of a data register should be
read sequentially using the register address pointer auto-
increment feature of the serial interface.
OFFSET CALIBRATION REGISTERS
Address 0x05, Address 0x06 for Channel 1,
Address 0x07, Address 0x08 for Channel 2 (AD7152
Only)
16 Bits Read/Write, Default Value 0x8000
The offset calibration registers hold the zero-scale calibration
coefficients.
The zero-scale calibration coefficient digitally maps the zero
capacitance on the CDC input to the zero-scale data code.
The coefficient can be used for compensation of the AD7152/
AD7153 internal offset as well as the system level offset within
specified offset calibration limits.
Users can set the coefficient by executing the offset calibration
after connecting the zero-scale capacitance to the system input.
Alternatively, the coefficient value can be written to the offset
calibration register(s) by the host software, for example, values
stored in a host nonvolatile memory.
Note that there is a difference between code mapping in differ-
ential and single-ended input mode. In differential mode, the
nominal zero-scale calibration coefficient value is a power-on
default, 0x8000. In single–ended mode, the nominal zero-scale
calibration coefficient value is 0x3000.
The difference means that before using the single-ended mode
(or any time when changing between modes afterwards), the
user should either perform offset calibration with capacitance
close to 0 pF connected to the input or write the offset calibra-
tion register(s) value(s) close to 0x8000 for differential mode or
value close to 0x3000 for single-ended mode.
On the AD7152, the two capacitive channels have individual
offset registers and each channel can be calibrated individually.
GAIN CALIBRATION REGISTERS
Address 0x09, Address 0x0A for Channel1
Address 0x0C, Address 0x0D for Channel 2 (AD7152 only)
16 Bits Read/Write, Default Value 0xXXXX
The capacitive gain calibration registers hold the capacitive
channel full-scale factory calibration coefficient. The gain
calibration factor can be calculated using the following
equation:
16
16
2
2
Reg
Gain
Gain
+
=
(5)
On the AD7152, the two capacitive channels each have a gain
register, which allows the part to gain calibrate each channel
individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com