Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7152 Datasheet HTML 8Page - Analog Devices AD7152 Datasheet HTML 9Page - Analog Devices AD7152 Datasheet HTML 10Page - Analog Devices AD7152 Datasheet HTML 11Page - Analog Devices AD7152 Datasheet HTML 12Page - Analog Devices AD7152 Datasheet HTML 13Page - Analog Devices AD7152 Datasheet HTML 14Page - Analog Devices AD7152 Datasheet HTML 15Page - Analog Devices AD7152 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7152/AD7153
Rev. 0 | Page 12 of 24
The user can also access any unique register (address) on a
one-to-one basis without having to update all the registers.
However, the address pointer register contents cannot be read.
If an incorrect address pointer location is accessed, or if the user
allows the autoincrementer to exceed the required register
address, apply the following requirements:
•
In read mode, the AD7152/AD7153 continue to output
various internal register contents until the master device
issues a no acknowledge, start, or stop condition. The
contents of the address pointers autoincrementer are reset
to point to the status register at Address 0x00 when a stop
condition is received at the end of a read operation. This
allows the status register to be read (polled) continually
without having to constantly write to the address pointer.
•
In write mode, the data for the invalid address is not
loaded into the registers of the AD7152/AD7153, but
an acknowledge is issued by the AD7152/AD7153.
AD7152/AD7153 RESET
To reset the AD7152/AD7153 without having to reset the entire
I2C bus, an explicit reset command is provided. This command
uses a particular address pointer word as a command word to
reset the part and upload all default settings. The AD7152/
AD7153 do not respond to the I2C bus commands (no acknowl-
edge) during the default values upload for approximately 150 μs
(maximum 200 μs).
The reset command address word is 0xBF.
GENERAL CALL
When a master issues a slave address consisting of seven 0s with
the eighth bit (R/W bit) set to 0, this is called the general call
address. The general call address is for addressing every device
connected to the I2C bus. The AD7152/AD7153 acknowledge
this address and read the following data byte.
If the second byte is 0x06, the AD7152/AD7153 are reset,
completely uploading all default values. The AD7152/AD7153
do not respond to the I2C bus commands (no acknowledge)
during the default values upload for approximately 150 μs
(maximum 200 μs).
The AD7152/AD7153 do not acknowledge any other general
call commands.
1 to 7
1 to 7
1 to 7
89
8
9
8
9
P
S
START
ADDR
R/W
ACK
SUBADDRESS
ACK
DATA
ACK
STOP
SDA
SCL
Figure 22. Bus Data Transfer
DATA
A(S)
S SLAVE ADDR A(S)
SUB ADDR
A(S)
LSB = 0
LSB = 1
DATA
P
S SLAVE ADDR A(S)
SUB ADDR A(S) S SLAVE ADDR
A(S)
DATA
A(M)
DATA
P
WRITE
SEQUENCE
READ
SEQUENCE
A(S)
A(M)
Figure 23. Write and Read Sequences
Table 5. I2C Abbreviation
Abbreviation
Definition
S
Start bit
P
Stop bit
A(S)
Acknowledge by slave
A(M)
Acknowledge by master
A(S)
No acknowledge by slave
A(M)
No acknowledge by master
ACK
Acknowledge
R/W
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com