Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7152 Datasheet HTML 5Page - Analog Devices AD7152 Datasheet HTML 6Page - Analog Devices AD7152 Datasheet HTML 7Page - Analog Devices AD7152 Datasheet HTML 8Page - Analog Devices AD7152 Datasheet HTML 9Page - Analog Devices AD7152 Datasheet HTML 10Page - Analog Devices AD7152 Datasheet HTML 11Page - Analog Devices AD7152 Datasheet HTML 12Page - Analog Devices AD7152 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7152/AD7153
Rev. 0 | Page 9 of 24
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
50
100
150
200
250
300
350
CAP LOAD TO GND (pF)
Figure 12. Capacitance Input Error vs. Capacitance Between EXC and GND,
Differential Mode, CIN(+) to EXC = 8 pF,
CIN(−) to EXC = 6 pF, VDD = 3.3 V
–10
–8
–6
–4
–2
0
2
1
10
100
1000
RESISTANCE CIN TO GROUND (MΩ)
Figure 13. Capacitance Input Error vs. Parasitic Resistance CIN to GND,
Single-Ended Mode, CIN(+) to EXC = 9 pF, VDD = 3.3 V
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
1
10
100
1000
RESISTANCE EXC TO GROUND (MΩ)
Figure 14. Capacitance Input Error vs. Parasitic Resistance EXC to GND,
Single-Ended Mode, CIN(+) to EXC = 9 pF, VDD = 3.3 V
–50
–40
–30
–20
–10
0
10
1
10
100
1000
PARALLEL RESISTANCE (MΩ)
Figure 15. Capacitance Input Error vs. Parasitic Parallel Resistance
Single-Ended Mode, CIN(+) to EXC = 9 pF, VDD = 3.3 V
–30
–25
–20
–15
–10
–5
0
0
2040
6080
1
SERIAL RESISTANCE (kΩ)
3pF
9pF
00
Figure 16. Capacitance Input Error vs. Serial Resistance,
Single-Ended Mode, CIN(+) to EXC = 3 pF and 9 pF, VDD = 3.3 V
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
2.6
2.8
3.0
3.2
3.4
3.6
3.8
VDD (V)
Figure 17. Capacitance Input Power Supply Rejection (PSR),
Differential Mode; CIN(+) to EXC = 1.9 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com