Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7152 Datasheet HTML 3Page - Analog Devices AD7152 Datasheet HTML 4Page - Analog Devices AD7152 Datasheet HTML 5Page - Analog Devices AD7152 Datasheet HTML 6Page - Analog Devices AD7152 Datasheet HTML 7Page - Analog Devices AD7152 Datasheet HTML 8Page - Analog Devices AD7152 Datasheet HTML 9Page - Analog Devices AD7152 Datasheet HTML 10Page - Analog Devices AD7152 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7152/AD7153
Rev. 0 | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
GND 1
VDD 2
CIN1(–) 3
CIN1(+) 4
EXC2 5
SDA
10
SCL
9
CIN2(–)
8
CIN2(+)
7
EXC1
6
AD7152
TOP VIEW
(Not to Scale)
Figure 4. AD7152 Pin Configuration
NC = NO CONNECT
GND 1
VDD 2
CIN1(–) 3
CIN1(+) 4
NC 5
SDA
10
SCL
9
NC
8
NC
7
EXC1
6
AD7153
TOP VIEW
(Not to Scale)
Figure 5. AD7153 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2
VDD
Power Supply Voltage. This pin should be decoupled to GND, using a low impedance capacitor, for example, in
combination with a 10 μF tantalum and a 0.1 μF multilayer ceramic capacitor.
3
CIN1(–)
CDC Negative Capacitive Input of Channel 1. If not used, this pin can be left as an open circuit or connected to
GND. This pin is internally disconnected in single-ended CDC configuration.
4
CIN1(+)
CDC Positive Capacitive Input of Channel 1. If not used, this pin can be left as an open circuit or connected to GND.
5
EXC2/NC
AD7152: CDC Excitation Output for Channel 2. The measured capacitance is connected between one of the EXC
pins and one of the CIN pins. If not used, these pins should be left as an open circuit.
AD7153: No Connect. This pin must be left as an open circuit.
6
EXC1
CDC Excitation Output for Channel 1. The measured capacitance is connected between one of the EXC pins and
one of the CIN pins. If not used, these pins should be left as an open circuit.
7
CIN2(+)/NC
AD7152: CDC Positive Capacitive Input of Channel 2. If not used, this pin can be left as an open circuit or
connected to GND.
AD7153: No Connect. This pin must be left as an open circuit.
8
CIN2(–)/NC
AD7152: CDC Negative Capacitive Input of Channel 2. If not used, this pin can be left as an open circuit or
connected to GND. This pin is internally disconnected in single-ended CDC configuration.
AD7153: No Connect. This pin must be left as an open circuit.
9
SCL
Serial Interface Clock Input. Connects to the master clock line. Requires a pull-up resistor if one is not already
provided in the system.
10
SDA
Serial Interface Bidirectional Data. Connects to the master data line. Requires a pull-up resistor if one is not
provided elsewhere in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com