Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7152 Datasheet HTML 12Page - Analog Devices AD7152 Datasheet HTML 13Page - Analog Devices AD7152 Datasheet HTML 14Page - Analog Devices AD7152 Datasheet HTML 15Page - Analog Devices AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices AD7152 Datasheet HTML 18Page - Analog Devices AD7152 Datasheet HTML 19Page - Analog Devices AD7152 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7152/AD7153
Rev. 0 | Page 16 of 24
CAP SETUP REGISTERS
Address 0x0B for Channel 1
Address 0x0E Channel 2 (AD7152
Only)
Default Value 0x00
Table 10. CAP Setup Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
Range 1
Range 0
CAPDIFF
Unused
Unused
Unused
Unused
Unused
Default
0
0
0
0
0
0
0
0
Table 11. CAP Setup Register Bit Descriptions
Bit
Mnemonic
Description
7
Range 1
Capacitive input range and mode setup
6
Range 0
Range 1
Range 0
Capacitive Input Range
5
CAPDIFF
CAPDIFF = 1 (Differential Mode)
CAPDIFF = 0 (Single-Ended Mode)
0
0
±1 pF
2 pF
0
1
±0.25 pF
0.5 pF
1
0
±0.5 pF
0.25 pF
1
1
±2 pF
4 pF
4 to 0
N/A
These bits must be 0 for proper operation
CONFIGURATION REGISTER
Address Pointer 0x0F
Default Value 0x00
Table 12. Configuration Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
Unused
Unused
Unused
Ch1en
Ch2en
MD2
MD1
MD0
Default
0
0
0
0
0
0
0
0
Table 13. Configuration Register Bit Descriptions
Bit
Mnemonic
Description
7 to 5
N/A
These bits must be 0 for proper operation
4
Ch1en
Ch2en = 1 enables Channel 1 for single conversion, continuous conversion, or calibration
3
Ch2en
Ch2en = 1 enables Channel 2 for single conversion, continuous conversion, or calibration
2
MD2
Converter mode of operation setup
1
MD1
MD2
MD1
MD0
Mode
0
MD0
0
0
0
Idle
0
0
1
Continuous conversion
0
1
0
Single conversion
0
1
1
Power-down
1
0
0
N/A
1
0
1
Capacitance system offset calibration
1
1
0
Capacitance system gain calibration
1
1
1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com