Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 1 Page - Analog Devices

  AD7152 Datasheet HTML 1Page - Analog Devices AD7152 Datasheet HTML 2Page - Analog Devices AD7152 Datasheet HTML 3Page - Analog Devices AD7152 Datasheet HTML 4Page - Analog Devices AD7152 Datasheet HTML 5Page - Analog Devices AD7152 Datasheet HTML 6Page - Analog Devices AD7152 Datasheet HTML 7Page - Analog Devices AD7152 Datasheet HTML 8Page - Analog Devices AD7152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
12-Bit Capacitance-to-Digital Converter
AD7152/AD7153
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Capacitance-to-digital converters
Interfaces to floating sensors
Resolution down to 0.25 fF (that is, up to 12 ENOB)
Linearity: 0.05%
Common-mode (not changing) capacitance up to 5 pF
Four capacitance ranges selectable per operation mode
±0.25 pF to ±2 pF in differential mode
0.5 pF to 4 pF in single-ended mode
Tolerant of parasitic capacitance to ground up to 50 pF
Conversion time per channel: 5 ms, 20 ms, 50 ms, and 60 ms
Internal clock oscillator
2-wire serial interface (I2C-compatible)
Power
2.7 V to 3.6 V single-supply operation
100 μA current consumption
Operating temperature: −40°C to +85°C
10-lead MSOP package
APPLICATIONS
Automotive, industrial, and medical systems for
Pressure measurement
Position sensing
Level sensing
Flowmeters
Humidity sensing
GENERAL DESCRIPTION
The AD7152/AD7153 are 12-bit sigma-delta (Σ-Δ) capacitance-to-
digital converters (CDCs). The capacitance to be measured
is connected directly to the device inputs. The architecture
features inherent high resolution (12-bit no missing codes,
up to 12-bit effective resolution) and high linearity (±0.05%).
The AD7152/AD7153 have four capacitance input ranges per
operation mode, ±0.25 pF to ±2 pF in differential mode and
0.5 pF to 4 pF in single-ended mode.
The AD7152/AD7153 can accept up to 5 pF common-mode
capacitance (not changing), which can be balanced by a
programmable on-chip, digital-to-capacitance converter
(CAPDAC).
The AD7153 has one capacitance input channel, while the
AD7152 has two channels. Each channel can be configured
as single-ended or differential. The AD7152/AD7153 are
designed for floating capacitive sensors.
The AD7152/AD7153 have a 2-wire, I2C®-compatible serial
interface. Both parts can operate with a single power supply
from 2.7 V to 3.6 V. They are specified over the temperature
range of −40°C to +85°C and are available in a 10-lead MSOP
package.
FUNCTIONAL BLOCK DIAGRAMS
DIGITAL
FILTER
12-BIT Σ-Δ
MODULATOR
CLOCK
GENERATOR
VOLTAGE
REFERENCE
AD7152
I2C
SERIAL
INTERFACE
EXCITATION
EXC2
CIN1(+)
CIN1(–)
CIN2(+)
CIN2(–)
EXC1
SDA
SCL
VDD
GND
CONTROL LOGIC
CALIBRATION
CAP+
CAP–
MUX
Figure 1.
DIGITAL
FILTER
12-BIT Σ-Δ
MODULATOR
CLOCK
GENERATOR
VOLTAGE
REFERENCE
AD7153
I2C
SERIAL
INTERFACE
EXCITATION
CIN1(+)
CIN1(–)
EXC1
SDA
SCL
VDD
GND
CONTROL LOGIC
CALIBRATION
CAP+
CAP–
MUX
Figure 2.


Similar Part No. - AD7152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7152BRMZ AD-AD7152BRMZ Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7152BRMZ-REEL AD-AD7152BRMZ-REEL Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
More results

Similar Description - AD7152

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
Digital-to-analog converter, 12 bit
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
12-Bit Capacitance-to-Digital Converter
Rev. A
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
24-Bit Capacitance-to-Digital Converter
Rev. 0
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
12-Bit Digital to Analog Converter
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com