Electronic Components Datasheet Search
  English  ▼

X  

AD8158 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 4 Page - Analog Devices

  AD8158 Datasheet HTML 1Page - Analog Devices AD8158 Datasheet HTML 2Page - Analog Devices AD8158 Datasheet HTML 3Page - Analog Devices AD8158 Datasheet HTML 4Page - Analog Devices AD8158 Datasheet HTML 5Page - Analog Devices AD8158 Datasheet HTML 6Page - Analog Devices AD8158 Datasheet HTML 7Page - Analog Devices AD8158 Datasheet HTML 8Page - Analog Devices AD8158 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD8158
Rev. 0 | Page 4 of 36
Parameter
Conditions
Min
Typ
Max
Unit
Supply Current
DC-coupled inputs/outputs, 400 mV I/O swings (800 mV
p-p differential), 50 Ω far-end terminations
ICC
354
450
mA
ITTO
128
150
mA
ITTI
94
107
mA
IDVCC
2
4
mA
Supply Current
LB_x = 1, PE = 6 dB on all ports, dc-coupled
inputs/outputs, 400 mV I/O swings (800 mV p-p
differential), 50 Ω far-end terminations
ICC
730
850
mA
ITTO
367
420
mA
ITTI
95
107
mA
IDVCC
2
4
mA
THERMAL CHARACTERISTICS
Operating Temperature Range
−40
+85
°C
θJA
Still air; JEDEC four-layer test board, ePAD soldered
22.2
°C/W
θJC
Still air; thermal resistance through exposed pad
1.4
°C/W
Maximum Junction Temperature
125
°C
LOGIC INPUT CHARACTERISTICS3
I2C, SDA, SCL, control pins
Input High (VIH)
DVCC = 3.3 V
0.7 × DVCC
DVCC
V
Input Low (VIL)
DVCC = 3.3 V
VEE
0.3 × DVCC
V
Input High (VIH)
DVCC = 1.8 V
0.8 × DVCC
DVCC
V
Input Low (VIL)
DVCC = 1.8 V
VEE
0.2 × DVCC
V
1 Bicast is off, loopback is off on all ports, pre-emphasis is set to minimum on all ports, and equalization is set to minimum on all ports.
2 VICM is the input common-mode voltage.
3 EQ control pins (EQ_A0, EQ_A1, EQ_B0, EQ_B1, EQ_C0, EQ_C1) require 5 kΩ in series when DVCC > VCC.
I2C TIMING SPECIFICATIONS
SCL
S
Sr
S
P
SDA
tF
tLOW
tHD;STA
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tHIGH
tR
tF
tSU;STO
tR
tBUF
Figure 2. I2C Timing Diagram
Table 2. I2C Timing Parameters
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fSCL
0
400+
kHz
Hold Time for a Start Condition
tHD;STA
0.6
μs
Setup Time for a Repeated Start Condition
tSU;STA
0.6
μs
Low Period of the SCL Clock
tLOW
1.3
μs
High Period of the SCL Clock
tHIGH
0.6
μs
Data Hold Time
tHD;DAT
0
μs
Data Setup Time
tSU;DAT
10
ns
Rise Time for Both SDA and SCL
tR
1
300
ns
Fall Time for Both SDA and SCL
tF
1
300
ns
Setup Time for Stop Condition
tSU;STO
0.6
μs
Bus Free Time Between a Stop and a Start Condition
tBUF
1
ns
Capacitance for Each I/O Pin
Ci
5
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com