Electronic Components Datasheet Search
  English  ▼

X  

AD8158 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 3 Page - Analog Devices

  AD8158 Datasheet HTML 1Page - Analog Devices AD8158 Datasheet HTML 2Page - Analog Devices AD8158 Datasheet HTML 3Page - Analog Devices AD8158 Datasheet HTML 4Page - Analog Devices AD8158 Datasheet HTML 5Page - Analog Devices AD8158 Datasheet HTML 6Page - Analog Devices AD8158 Datasheet HTML 7Page - Analog Devices AD8158 Datasheet HTML 8Page - Analog Devices AD8158 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD8158
Rev. 0 | Page 3 of 36
SPECIFICATIONS
VCC = VTTI = VTTO= 1.8 V, DVCC = 3.3 V, VEE = 0 V, RL = 50 Ω, basic configuration1, data rate = 6.5 Gbps, ac-coupled differential input
swing = 800 mV p-p, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Data Rate/Channel (NRZ)
DC
6.5
Gbps
Deterministic Jitter (No Channel)
Data rate = 6.5 Gbps, EQ enabled
20
ps p-p
Random Jitter (No Channel)
RMS, data rate = 6.5 Gbps
1
ps
Residual Deterministic Jitter
with Receive Equalization
Data rate 6.5 Gbps, 20 inch FR4
30
ps p-p
Data rate 6.5 Gbps, 40 inch FR4
40
ps p-p
Residual Deterministic Jitter
with Transmit Pre-Emphasis
Data rate 6.5 Gbps, 10 inch FR4
35
ps p-p
Data rate 6.5 Gbps, 30 inch FR4
42
ps p-p
Propagation Delay
50% input to 50% output (maximum EQ)
700
ps
Lane-to-Lane Skew
Signal path and switch architecture is balanced and
symmetric (maximum EQ)
90
ps
Switching Time
50% logic switching to 50% output data
150
ns
Output Rise/Fall Time
20% to 80% (PE = lowest setting)
62
ps
INPUT CHARACTERISTICS
Differential Input Voltage Swing
VICM2 = VCC − 0.6 V, VCC = VMIN to VMAX, TA = TMIN to TMAX, LOS
threshold register = 0x10, LOS control register = 0x05
200
2000
mV p-p
Differential Sensitivity with
Default LOS Setting
300
mV p-p
Input Voltage Range
Single-ended absolute voltage level, VL minimum
VEE + 0.6
V
Single-ended absolute voltage level, VH maximum
VCC + 0.3
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Differential, PE = 0, default output level, @ dc
590
725
820
mV p-p
Output Voltage Range
Single-ended absolute voltage level, TX_HEADROOM = 0;
VL minimum
VCC − 1.1
V
Single-ended absolute voltage level, TX_HEADROOM = 0;
VH maximum
VCC + 0.6
V
Single-ended absolute voltage level, TX_HEADROOM = 1;
VL minimum
VCC − 1.3
V
Single-ended absolute voltage level, TX_HEADROOM = 1;
VH maximum
VCC + 0.6
V
Output Current
Port A/B/C, PE_A/B/C = minimum
16
mA
Output Current
Port A/B/C, PE_A/B/C = 6 dB, VOD = 800 mV p-p
32
mA
TERMINATION CHARACTERISTICS
Resistance
Differential, VCC = VMIN to VMAX, TA = TMIN to TMAX
90
100
110
Ω
LOS CHARACTERISTICS
LOS threshold = 0x10
Assert Level
LOS_GSEL = 0, @ dc
25
mV diff
Deassert Level
LOS_GSEL = 0, @ dc
150
mV diff
LOS to Output Squelch
LOS control = 0, VID = 0 to 50% OP/ON settling, VCC = 1.8 V
21
ns
LOS to Output Enable
LOS control = 0, data present to first valid transition,
VCC = 1.8 V
67
ns
POWER SUPPLY
Operating Range
VCC
VEE = 0 V, TX_HEADROOM = 0
1.6
1.8 to 3.3
3.6
V
VCC
VEE = 0 V, TX_HEADROOM = 1
2.2
3.3
3.6
V
DVCC
DVCC ≥ VCC, VEE = 0 V
1.6
1.8 to 3.3
3.6
V
VTTI
1.2
VCC + 0.3
V
VTTO
1.2
VCC + 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com