Electronic Components Datasheet Search
  English  ▼

X  

AD8158 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8158 Datasheet HTML 3Page - Analog Devices AD8158 Datasheet HTML 4Page - Analog Devices AD8158 Datasheet HTML 5Page - Analog Devices AD8158 Datasheet HTML 6Page - Analog Devices AD8158 Datasheet HTML 7Page - Analog Devices AD8158 Datasheet HTML 8Page - Analog Devices AD8158 Datasheet HTML 9Page - Analog Devices AD8158 Datasheet HTML 10Page - Analog Devices AD8158 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD8158
Rev. 0 | Page 7 of 36
Pin No.
Mnemonic
Type
Description
27
SCL
I2C
I2C Clock Pin
28
SDA
I2C
I2C Data Pin
29
I2C_A0
I2C
I2C Address Pin (LSB)
30
I2C_A1
I2C
I2C Address Pin
31
I2C_A2
I2C
I2C Address Pin (MSB)
32
RESETb
Control1
Chip Reset. Active Low
33
ON_B3
Output
High Speed Output Complement
34
OP_B3
Output
High Speed Output
36
ON_B2
Output
High Speed Output Complement
37
OP_B2
Output
High Speed Output
39
ON_B1
Output
High Speed Output Complement
40
OP_B1
Output
High Speed Output
42
ON_B0
Output
High Speed Output Complement
43
OP_B0
Output
High Speed Output
45
EQ_A02
Control1
Port A Equalizer Control Bit 0 (LSB)
46
EQ_A12
Control1
Port A Equalizer Control Bit 1 (MSB)
47
EQ_B02
Control1
Port B Equalizer Control Bit 0 (LSB)
48
EQ_B12
Control1
Port B Equalizer Control Bit 1 (MSB)
49
EQ_C02
Control1
Port C Equalizer Control Bit 0 (LSB)
50
EQ_C12
Control1
Port C Equalizer Control Bit 1 (MSB)
52
IN_B3
Input
High Speed Input Complement
53
IP_B3
Input
High Speed Input
55
IN_B2
Input
High Speed Input Complement
56
IP_B2
Input
High Speed Input
58
IN_B1
Input
High Speed Input Complement
59
IP_B1
Input
High Speed Input
61
IN_B0
Input
High Speed Input Complement
62
IP_B0
Input
High Speed Input
64
ON_C3
Output
High Speed Output Complement
65
OP_C3
Output
High Speed Output
67
ON_C2
Output
High Speed Output Complement
68
OP_C2
Output
High Speed Output
70
ON_C1
Output
High Speed Output Complement
71
OP_C1
Output
High Speed Output
73
ON_C0
Output
High Speed Output Complement
74
OP_C0
Output
High Speed Output
76
LB_C
Control1
Loopback Enable for Port C
77
LB_B
Control1
Loopback Enable for Port B
78
LB_A
Control1
Loopback Enable for Port A
79
LOS_INT
Interrupt
Loss of Signal Interrupt, Active High
80
PE_C
Control1
Pre-Emphasis Control for Port C
81
PE_B
Control1
Pre-Emphasis Control for Port B
82
PE_A
Control1
Pre-Emphasis Control for Port A
83
IN_C3
Input
High Speed Input Complement
84
IP_C3
Input
High Speed Input
86
IN_C2
Input
High Speed Input Complement
87
IP_C2
Input
High Speed Input
89
IN_C1
Input
High Speed Input Complement
90
IP_C1
Input
High Speed Input
92
IN_C0
Input
High Speed Input Complement
93
IP_C0
Input
High Speed Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com