Electronic Components Datasheet Search
  English  ▼

X  

AD8158 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 1 Page - Analog Devices

  AD8158 Datasheet HTML 1Page - Analog Devices AD8158 Datasheet HTML 2Page - Analog Devices AD8158 Datasheet HTML 3Page - Analog Devices AD8158 Datasheet HTML 4Page - Analog Devices AD8158 Datasheet HTML 5Page - Analog Devices AD8158 Datasheet HTML 6Page - Analog Devices AD8158 Datasheet HTML 7Page - Analog Devices AD8158 Datasheet HTML 8Page - Analog Devices AD8158 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
6.5 Gbps
Quad Buffer Mux/Demux
AD8158
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Quad 2:1 mux/1:2 demux
Optimized for dc to 6.5 Gbps NRZ data
Per-lane P/N pair inversion for routing ease
Programmable input equalization
Compensates up to 40 inches of FR4
Loss-of-signal detection
Programmable output pre-emphasis up to 12 dB
Programmable output levels with squelch and disable
Accepts ac-coupled or dc-coupled differential CML inputs
50 Ω on-chip termination
1:2 demux supports unicast or bicast operation
Port-level loopback
Port or single lane switching
1.8 V to 3.3 V flexible core supply
User-settable I/O supply from VCC to 1.2 V
Low power, typically 2.0 W in basic configuration
100-lead LFCSP
−40°C to +85°C operating temperature range
APPLICATIONS
Low cost redundancy switch
SONET OC48/SDH16 and lower data rates
XAUI/GbE/FC/Infiniband over backplane
OIF CEI 6.25 Gbps over backplane
Serial data-level shift
4-/8-/12-lane equalizers or redrivers
FUNCTIONAL BLOCK DIAGRAM
Ox_B[3:0]
TRANSMIT
PRE-
EMPHASIS
QUAD
2:1
MULTIPLEXER/
1:2
DEMULTIPLEXER
RECEIVE
EQUALIZATION
TRANSMIT
PRE-
EMPHASIS
Ox_C[3:0]
Ix_C[3:0]
Ox_A[3:0]
TOGGLE
CONTROL
LOGIC
LB_A
LB_B
LB_C
PE_A
PE_B
PE_C
EQ_A[1:0]
EQ_B[1:0]
EQ_C[1:0]
SEL[3:0]
BICAST
SEL4G
RESETb
LOS_INT
2:1
1:2
RECEIVE
EQUALIZATION
Ix_A[3:0]
EQ
Ix_B[3:0]
I2C
CONTROL
LOGIC
SCL
SDA
I2C_A0
I2C_A1
I2C_A2
EQ
EQ
AD8158
Figure 1.
GENERAL DESCRIPTION
The AD8158 is an asynchronous, protocol-agnostic, quad-lane
2:1 switch with a total of 12 differential CML inputs and
12 differential CML outputs. The signal path supports NRZ
signaling with data rates up to 6.5 Gbps per lane. Each lane
offers programmable receive equalization, programmable
output pre-emphasis, programmable output levels, and loss-of-
signal detection.
The nonblocking switch-core of the AD8158 implements a
2:1 multiplexer and 1:2 demultiplexer per lane and supports
independent lane switching through the four select pins,
SEL[3:0]. Each port is a four-lane link. Every lane implements
an asynchronous path supporting dc to 6.5 Gbps NRZ data,
fully independent of other lanes. The AD8158 has low latency
and very low lane-to-lane skew.
The main application of the AD8158 is to support redundancy
on both the backplane and the line interface sides of a serial
link. The demultiplexing path implements unicast and bicast
capability, allowing the part to support either 1 + 1 or 1:1
redundancy.
The AD8158 is also suited for testing high speed serial links
because of its ability to duplicate incoming data. In a port-
monitoring application, the AD8158 can maintain link-
connectivity with a pass-through connection from Port C to
Port A while sending a duplicate copy of the data to test
equipment on Port B.
The rich feature set of the AD8158 can be controlled either
through external toggle pins or by setting on-chip control
registers through the I2C® interface.


Similar Part No. - AD8158

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8158 AD-AD8158 Datasheet
688Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
Rev. B
AD8158-EVALZ AD-AD8158-EVALZ Datasheet
688Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
Rev. B
AD8158ACPZ AD-AD8158ACPZ Datasheet
688Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
Rev. B
AD8158 AD-AD8158_V01 Datasheet
688Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
Rev. B
More results

Similar Description - AD8158

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
logo
Analog Devices
AD8159 AD-AD8159 Datasheet
595Kb / 24P
3.2 Gbps Quad Buffer Mux/Demux
4/06-Rev. 0 to Rev. A
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
PI2DBS6212 PERICOM-PI2DBS6212 Datasheet
885Kb / 7P
6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com