Electronic Components Datasheet Search
  English  ▼

X  

AD8158 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8158 Datasheet HTML 15Page - Analog Devices AD8158 Datasheet HTML 16Page - Analog Devices AD8158 Datasheet HTML 17Page - Analog Devices AD8158 Datasheet HTML 18Page - Analog Devices AD8158 Datasheet HTML 19Page - Analog Devices AD8158 Datasheet HTML 20Page - Analog Devices AD8158 Datasheet HTML 21Page - Analog Devices AD8158 Datasheet HTML 22Page - Analog Devices AD8158 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD8158
Rev. 0 | Page 19 of 36
LANE DISABLES
By default, the receivers and transmitters enable in an on-demand
fashion according to the state of the SEL[3:0], LB_[A:C], and
BICAST pins or to the state of the equivalent registers in serial
control mode. Register 0x40, Register 0x80, and Register 0xC0
implement per-lane disables for the receivers and Register 0x48,
Register 0x88, and Register 0xC8 implement per-lane transmit-
ter disables. These disables override the default settings. Each
bit in the register is named for the lane and function it disables.
For example, RXDIS B2 disables the receiver on Lane 2 of Port B
while TXDIS C3 disables the Lane 3 transmitter of Port C (see
Table 12).
EQUALIZER SETTINGS
Every input lane offers a low power, asynchronous, programma-
ble receive equalizer for NRZ data up to 6.5 Gbps. The pin
control interface makes four levels of receive equalization
available: 6 dB, 12 dB, 15 dB, and 18 dB. Register-based control
allows the user 10 equalizer settings within this range. High
frequency boost increases monotonically (and approximately
linearly) with EQ control setting in ~2 dB steps.
The four LSBs of Register 0x41, Register 0x81, and Register 0xC1
allow programming of all the equalizers in a port simultane-
ously (see Table 12). The 0x42, 0x43, 0x82, 0x83, 0xC2, and
0xC3 registers allow per-lane programming of the equalizers
(see Table 23). Be aware that writing to the port-level equalizer
registers updates and overwrites per-lane settings.
LOSS OF SIGNAL (LOS)
The serial control interface allows access to the AD8158 loss of
signal features. (LOS is not available in pin control mode.) Each
receiver includes a low power, loss-of-signal detector. The loss-
of-signal circuit monitors the received data stream and
generates a system interrupt when the received signal power
falls below a programmed threshold. The default threshold is
25 mV diff, referred to the input pins. The LOS circuit monitors
the equalized receive waveform and integrates the rms power of
the equalized waveform over a selectable interval of either 2 ns
or 10 ns. The detectors are enabled on a per-port basis with Bit 0 of
the RXA/B/C LOS control registers (0x51, 0x91, 0xD1).
By default, when the receiver detects an LOS event, it squelches
its associated transmitter, lowering the output current to
submicroamps. This prevents the high gain, wide bandwidth
signal path from turning low-level system noise on an undriven
input pair into a source of hostile crosstalk at the transmitter.
The squelch feature can be disabled with Bit 3 of the global
squelch control register (0x04).
Register 0x50, Register 0x90, and Register 0xD0 set values for
the LOS signal detection threshold for Port A, Port B, and Port C,
respectively. The recommended setting is Rx LOS threshold
register = 0x10 with Rx LOS control register = 0x05. This is an
optimum setting that all parts are factory tested to comply with
(see Table 1).
LOS Recommended Settings
Rx LOS threshold register: 0x10
Rx LOS control register: 0x05
Register 0x51, Register 0x91, and Register 0xD1 set the integration
interval, LOS gain, and the enable state for the LOS feature for
Port A, Port B, and Port C, respectively (see Table 14 through
Table 16)
Bit 0, LOS_ENB, enables and disables the LOS detectors. (The
default setting is enabled, LOS_ENB = 1).
Bit 1, LOS_GSEL, adjusts the detector gain (1 = high gain, 0 =
low gain). A value of 0 is recommended.
Bit 2, LOS_FILT, adjusts the interval over which incoming data
is averaged. LOS_FILT = 0 gives a 2 ns interval and LOS_FILT = 1
sets a 10 ns interval.
Bit 7 through Bit 3 should be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com