Electronic Components Datasheet Search
  English  ▼

X  

AD8158 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 2 Page - Analog Devices

  AD8158 Datasheet HTML 1Page - Analog Devices AD8158 Datasheet HTML 2Page - Analog Devices AD8158 Datasheet HTML 3Page - Analog Devices AD8158 Datasheet HTML 4Page - Analog Devices AD8158 Datasheet HTML 5Page - Analog Devices AD8158 Datasheet HTML 6Page - Analog Devices AD8158 Datasheet HTML 7Page - Analog Devices AD8158 Datasheet HTML 8Page - Analog Devices AD8158 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
AD8158
Rev. 0 | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
I2C Timing Specifications............................................................ 4
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ............................................. 9
 
Theory of Operation ...................................................................... 15
 
The Switch (Mux/Demux/Unicast/Bicast/Loopback)........... 16
 
Receivers ...................................................................................... 18
 
Lane Disables .............................................................................. 19
 
Equalizer Settings ....................................................................... 19
 
Loss of Signal (LOS)................................................................... 19
 
Lane Inversion: P/N Swap ......................................................... 21
 
Transmitters ................................................................................ 21
 
Output Level Programming and Output Structure ............... 21
 
Pre-Emphasis .............................................................................. 21
 
Output Compliance, AC vs. DC Coupling, Minimum Supply
Voltage, and the TX_HEADROOM Bit .................................. 23
 
Signal Levels and Common-Mode Shift for AC-Coupled and
DC-Coupled Outputs ................................................................ 24
 
Squelch and Disable ................................................................... 26
 
Speed Select................................................................................. 26
 
AD8158 Power Consumption .................................................. 26
 
Outputs ........................................................................................ 28
 
Power Saving Considerations ................................................... 28
 
I2C Control Interface...................................................................... 29
 
Serial Interface General Functionality..................................... 29
 
I2C Interface Data Transfers: Data Write ................................ 29
 
I2C Interface Data Transfers: Data Read ................................. 30
 
Applications Information .............................................................. 31
 
Supply Sequencing ..................................................................... 31
 
Single Supply vs. Multiple Supply Operation ......................... 31
 
Register Map ................................................................................... 32
 
Outline Dimensions ....................................................................... 34
 
Ordering Guide .......................................................................... 34
 
REVISION HISTORY
6/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com