Electronic Components Datasheet Search
  English  ▼

X  

CC2430 Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 212 page
background image
CC2430
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 13 of 211
7.2
RF Receive Section
Measured on Texas Instruments
CC2430 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 6: RF Receive Parameters
Parameter
Min
Typ
Max
Unit
Condition/Note
Receiver sensitivity
-92
dBm
PER = 1%, as specified by [1]
Measured in 50
Ω single endedly through a balun.
[1] requires –85 dBm
Saturation (maximum input
level)
10
dBm
PER = 1%, as specified by [1]
Measured in 50
Ω single endedly through a balun.
[1] requires –20 dBm
Adjacent channel rejection
+ 5 MHz channel spacing
41
dB
Wanted signal -88dBm, adjacent modulated channel
at +5 MHz, PER = 1 %, as specified by [1].
[1] requires 0 dB
Adjacent channel rejection
- 5 MHz channel spacing
30
dB
Wanted signal -88dBm, adjacent modulated channel
at -5 MHz, PER = 1 %, as specified by [1].
[1] requires 0 dB
Alternate channel rejection
+ 10 MHz channel spacing
55
dB
Wanted signal -88dBm, adjacent modulated channel
at +10 MHz, PER = 1 %, as specified by [1]
[1] requires 30 dB
Alternate channel rejection
- 10 MHz channel spacing
53
dB
Wanted signal -88dBm, adjacent modulated channel
at -10 MHz, PER = 1 %, as specified by [1]
[1] requires 30 dB
Channel rejection
≥ + 15 MHz
≤ - 15 MHz
55
53
dB
dB
Wanted signal @ -82 dBm. Undesired signal is an
802.15.4 modulated channel, stepped through all
channels from 2405 to 2480 MHz. Signal level for
PER = 1%. Values are estimated.
Co-channel rejection
-6
dB
Wanted signal @ -82 dBm. Undesired signal is
802.15.4 modulated at the same frequency as the
desired signal. Signal level for PER = 1%.
Blocking / Desensitization
+ 5 MHz from band edge
+ 10 MHz from band edge
+ 20 MHz from band edge
+ 50 MHz from band edge
- 5 MHz from band edge
- 10 MHz from band edge
- 20 MHz from band edge
- 50 MHz from band edge
-42
-45
-26
-22
-31
-36
-24
-25
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
Wanted signal 3 dB above the sensitivity level, CW
jammer, PER = 1%. Measured according to EN 300
440 class 2.
Spurious emission
30 – 1000 MHz
1 – 12.75 GHz
−64
−75
dBm
dBm
Conducted measurement in a 50
Ω single ended
load. Complies with EN 300 328, EN 300 440 class
2, FCC CFR47, Part 15 and ARIB STD-T-66.
Frequency error tolerance
±140
ppm
Difference between centre frequency of the received
RF signal and local oscillator frequency.
[1] requires minimum 80 ppm
Symbol rate error tolerance
±900
ppm
Difference between incoming symbol rate and the
internally generated symbol rate
[1] requires minimum 80 ppm
7.3
RF Transmit Section
Measured on Texas Instruments
CC2430 EM reference design with TA=25°C, VDD=3.0V, and
nominal output power unless stated otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com