Electronic Components Datasheet Search
  English  ▼

X  

CC2430 Datasheet(PDF) 46 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 46 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 42Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 43Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 44Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 45Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 46Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 47Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 48Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 49Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 50Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 212 page
background image
CC2430
8051 CPU : Instruction Set Summary
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 46 of 211
Mnemonic
Description
Hex
Opcode
Bytes
Cycles
Logical operations
ANL A,Rn
AND register to accumulator
58-5F
1
1
ANL A,direct
AND direct byte to accumulator
55
2
2
ANL A,@Ri
AND indirect RAM to accumulator
56-57
1
2
ANL A,#data
AND immediate data to accumulator
54
2
2
ANL direct,A
AND accumulator to direct byte
52
2
3
ANL direct,#data
AND immediate data to direct byte
53
3
4
ORL A,Rn
OR register to accumulator
48-4F
1
1
ORL A,direct
OR direct byte to accumulator
45
2
2
ORL A,@Ri
OR indirect RAM to accumulator
46-47
1
2
ORL A,#data
OR immediate data to accumulator
44
2
2
ORL direct,A
OR accumulator to direct byte
42
2
3
ORL direct,#data
OR immediate data to direct byte
43
3
4
XRL A,Rn
Exclusive OR register to accumulator
68-6F
1
1
XRL A,direct
Exclusive OR direct byte to accumulator
65
2
2
XRL A,@Ri
Exclusive OR indirect RAM to accumulator
66-67
1
2
XRL A,#data
Exclusive OR immediate data to accumulator
64
2
2
XRL direct,A
Exclusive OR accumulator to direct byte
62
2
3
XRL direct,#data
Exclusive OR immediate data to direct byte
63
3
4
CLR A
Clear accumulator
E4
1
1
CPL A
Complement accumulator
F4
1
1
RL A
Rotate accumulator left
23
1
1
RLC A
Rotate accumulator left through carry
33
1
1
RR A
Rotate accumulator right
03
1
1
RRC A
Rotate accumulator right through carry
13
1
1
SWAP A
Swap nibbles within the accumulator
C4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com