Electronic Components Datasheet Search
  English  ▼

X  

CC2430 Datasheet(PDF) 49 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 49 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 45Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 46Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 47Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 48Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 49Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 50Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 51Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 52Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 53Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 212 page
background image
CC2430
8051 CPU : Interrupts
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 49 of 211
Table 29: Instructions that affect flag settings
Instruction
CY
OV
AC
ADD
x
x
x
ADDC
x
x
x
SUBB
x
x
x
MUL
0
x
-
DIV
0
x
-
DA
x
-
-
RRC
x
-
-
RLC
x
-
-
SETB C
1
-
-
CLR C
x
-
-
CPL C
x
-
-
ANL C,bit
x
-
-
ANL C,/bit
x
-
-
ORL C,bit
x
-
-
ORL C,/bit
x
-
-
MOV C,bit
x
-
-
CJNE
x
-
-
“0”=set to 0, “1”=set to 1, “x”=set to 0/1, “-“=not affected
11.5
Interrupts
The CPU has 18 interrupt sources. Each
source has its own request flag located in a set
of Interrupt Flag SFR registers. Each interrupt
requested by the corresponding flag can be
individually
enabled
or
disabled.
The
definitions of the interrupt sources and the
interrupt vectors are given in Table 30.
The interrupts are grouped into a set of priority
level groups with selectable priority levels.
The interrupt enable registers are described in
section 11.5.1 and the interrupt priority settings
are described in section 11.5.3 on page 57.
11.5.1
Interrupt Masking
Each interrupt can be individually enabled or
disabled by the interrupt enable bits in the
Interrupt Enable SFRs IEN0, IEN1 and IEN2.
The CPU Interrupt Enable SFRs are described
below and summarized in Table 30.
Note that some peripherals have several
events that can generate the interrupt request
associated with that peripheral. This applies to
Port 0, Port 1, Port 2, Timer 1, Timer2, Timer
3, Timer 4 and Radio. These peripherals have
interrupt mask bits for each internal interrupt
source in the corresponding SFR registers.
In order to enable any of the interrupts in the
CC2430, the following steps must be taken:
1. Clear interrupt flags
2. Set individual interrupt enable bit in
the peripherals SFR register, if any.
3. Set
the
corresponding
individual,
interrupt enable bit in the IEN0, IEN1
or IEN2 registers to 1.
4. Enable global interrupt by setting the
EA bit in IEN0 to 1
5. Begin the interrupt service routine at
the corresponding vector address of
that interrupt. See Table 30 for
addresses
Figure 10 gives a complete overview of all
interrupt sources and associated control and
state registers. Shaded boxes are interrupt
flags that are automatically cleared by HW
when interrupt service routine is called.
indicates a one-shot, either due to the level
source or due to edge shaping. For the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com