Electronic Components Datasheet Search
  English  ▼

X  

CC2430 Datasheet(PDF) 77 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 77 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 73Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 74Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 75Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 76Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 77Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 78Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 79Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 80Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 81Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 212 page
background image
CC2430
Peripherals : I/O ports
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 77 of 211
FCTL (0xAE) – Flash Control
Bit
Name
Reset
R/W
Description
7
BUSY
0
R
Indicates that write or erase is in operation
0
No write or erase operation active
1
Write or erase operation activated
6
SWBSY
0
R
Indicates that current word write is busy; avoid writing to FWDATA
register while this is true
0
Ready to accept data
1
Busy
5
-
0
R/W
Not used.
4
CONTRD
0
R/W
Continuous read enable mode
0
Avoid wasting power; turn on read enables to flash only
when needed
1
Enable continuous read enables to flash when read is to
be done. Reduces internal switching of read enables, but
greatly increases power consumption.
3:2
0
R/W
Not used.
1
WRITE
0
R0/W
Write. Start writing word at location given by
FADDRH:FADDRL
.
If ERASE is set to 1, a page erase of the whole page addressed
by FADDRH, is performed before the write.
0
ERASE
0
R0/W
Page Erase. Erase page that is given by FADDRH[6:1]
FWDATA (0xAF) – Flash Write Data
Bit
Name
Reset
R/W
Description
7:0
FWDATA[7:0]
0x00
R/W
Flash write data. Data written to FWDATA is written to flash when
FCTL.WRITE
is set to 1.
FADDRH (0xAD) – Flash Address High Byte
Bit
Name
Reset
R/W
Description
7
-
0
R/W
Not used
6:0
FADDRH[6:0]
0x00
R/W
Page address / High byte of flash word address
Bits 6:1 will select which page to access.
FADDRL (0xAC) – Flash Address Low Byte
Bit
Name
Reset
R/W
Description
7:0
FADDRL[7:0]
0x00
R/W
Low byte of flash word address
FWT (0xAB) – Flash Write Timing
Bit
Name
Reset
R/W
Description
7:6
-
00
R/W
Not used
5:0
FWT[5:0]
0x2A
R/W
Flash Write Timing. Controls flash timing generator.
13.4
I/O ports
The
CC2430 has 21 digital input/output pins
that can be configured as general purpose
digital I/O or as peripheral I/O signals
connected to the ADC, Timers or USART
peripherals. The usage of the I/O ports is fully
configurable from user software through a set
of configuration registers.
The I/O ports have the following key features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com