Electronic Components Datasheet Search
  English  ▼

X  

CC2430 Datasheet(PDF) 53 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 53 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 49Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 50Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 51Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 52Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 53Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 54Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 55Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 56Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 57Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 212 page
background image
CC2430
8051 CPU : Interrupts
CC2430 revision E Data Sheet (rev. 2.1) SWRS036F
Page 53 of 211
IEN1 (0xB8) – Interrupt Enable 1
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Not used. Read as 0
P0IE – Port 0 interrupt enable
0
Interrupt disabled
5
P0IE
0
R/W
1
Interrupt enabled
T4IE - Timer 4 interrupt enable
0
Interrupt disabled
4
T4IE
0
R/W
1
Interrupt enabled
T3IE - Timer 3 interrupt enable
0
Interrupt disabled
3
T3IE
0
R/W
1
Interrupt enabled
T2IE – Timer 2 interrupt enable
0
Interrupt disabled
2
T2IE
0
R/W
1
Interrupt enabled
T1IE – Timer 1 interrupt enable
0
Interrupt disabled
1
T1IE
0
R/W
1
Interrupt enabled
DMAIE – DMA transfer interrupt enable
0
Interrupt disabled
0
DMAIE
0
R/W
1
Interrupt enabled
IEN2 (0x9A) – Interrupt Enable 2
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Not used. Read as 0
WDTIE – Watchdog timer interrupt enable
0
Interrupt disabled
5
WDTIE
0
R/W
1
Interrupt enabled
P1IE– Port 1 interrupt enable
0
Interrupt disabled
4
P1IE
0
R/W
1
Interrupt enabled
UTX1IE – USART1 TX interrupt enable
0
Interrupt disabled
3
UTX1IE
0
R/W
1
Interrupt enabled
UTX0IE - USART0 TX interrupt enable
0
Interrupt disabled
2
UTX0IE
0
R/W
1
Interrupt enabled
P2IE – Port 2 interrupt enable
0
Interrupt disabled
1
P2IE
0
R/W
1
Interrupt enabled
RFIE – RF general interrupt enable
0
Interrupt disabled
0
RFIE
0
R/W
1
Interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com