Electronic Components Datasheet Search
  English  ▼

X  

CC2430 Datasheet(PDF) 20 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 20 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 212 page
background image
CC2430
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 20 of 211
7.13
Debug Interface AC Characteristics
TA= -40°C to 85°C, VDD=2.0V to 3.6V if nothing else stated.
Table 17: Debug Interface AC Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
Debug clock
period
128
ns
See item 1 Figure 3
Debug data setup
5
ns
See item 2 Figure 3
Debug data hold
5
ns
See item 3 Figure 3
Clock to data
delay
10
ns
See item 4 Figure 3, load = 10 pF
RESET_N inactive
after P2_2 rising
10
ns
See item 5 Figure 3
1
3
2
DEBUG CLK
P2_2
DEBUG DATA
P2_1
DEBUG DATA
P2_1
4
5
RESET_N
Figure 3: Debug Interface AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com