Electronic Components Datasheet Search
  English  ▼

X  

CC2430 Datasheet(PDF) 45 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 45 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 41Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 42Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 43Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 44Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 45Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 46Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 47Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 48Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 49Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 212 page
background image
CC2430
8051 CPU : Instruction Set Summary
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 45 of 211
Table 28: Instruction Set Summary
Mnemonic
Description
Hex
Opcode
Bytes
Cycles
Arithmetic operations
ADD A,Rn
Add register to accumulator
28-2F
1
1
ADD A,direct
Add direct byte to accumulator
25
2
2
ADD A,@Ri
Add indirect RAM to accumulator
26-27
1
2
ADD A,#data
Add immediate data to accumulator
24
2
2
ADDC A,Rn
Add register to accumulator with carry flag
38-3F
1
1
ADDC A,direct
Add direct byte to A with carry flag
35
2
2
ADDC A,@Ri
Add indirect RAM to A with carry flag
36-37
1
2
ADDC A,#data
Add immediate data to A with carry flag
34
2
2
SUBB A,Rn
Subtract register from A with borrow
98-9F
1
1
SUBB A,direct
Subtract direct byte from A with borrow
95
2
2
SUBB A,@Ri
Subtract indirect RAM from A with borrow
96-97
1
2
SUBB A,#data
Subtract immediate data from A with borrow
94
2
2
INC A
Increment accumulator
04
1
1
INC Rn
Increment register
08-0F
1
2
INC direct
Increment direct byte
05
2
3
INC @Ri
Increment indirect RAM
06-07
1
3
INC DPTR
Increment data pointer
A3
1
1
DEC A
Decrement accumulator
14
1
1
DEC Rn
Decrement register
18-1F
1
2
DEC direct
Decrement direct byte
15
2
3
DEC @Ri
Decrement indirect RAM
16-17
1
3
MUL AB
Multiply A and B
A4
1
5
DIV
Divide A by B
84
1
5
DA A
Decimal adjust accumulator
D4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com