Electronic Components Datasheet Search
  English  ▼

X  

HD404618FS Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 43Page - Renesas Technology Corp HD404618FS Datasheet HTML 44Page - Renesas Technology Corp HD404618FS Datasheet HTML 45Page - Renesas Technology Corp HD404618FS Datasheet HTML 46Page - Renesas Technology Corp HD404618FS Datasheet HTML 47Page - Renesas Technology Corp HD404618FS Datasheet HTML 48Page - Renesas Technology Corp HD404618FS Datasheet HTML 49Page - Renesas Technology Corp HD404618FS Datasheet HTML 50Page - Renesas Technology Corp HD404618FS Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
HD404618 Series
45
System
clock
INT1
Selector
Prescaler S (PSS)
Clock
Timer counter register BU (TCBU)
Timer counter
register BL
(TCBL)
Timer counter B
(TCB)
Timer load
register BU
(TLRU)
Timer load
register BL
(TLRL)
Timer mode
register B
(TMB)
Timer B interrupt
request flag
(IFTB)
fcyc/fSUB
(tcyc/tsubcyc)
3
Free-running
control
Overflow
Figure 27 Timer B Block Diagram
Timer C (TCCL and TCRL: $00E, TCCU and TCRU: $00F): Eight-bit write-only timer load register
(TCRL and TCRU) and read-only timer counter (TCCL and TCCU) located at the same addresses. The
eight-bit configuration consists of lower and upper 4-bit digits located at sequential addresses. The
operation of timer C is basically the same as that of timer B.
The auto-reload function and prescaler division ratio of timer C depend on the state of timer mode register
C (TMC). Timer C is initialized to the value set in TMC by software, and is then incremented by one at
each clock input. If an input is applied to timer C after it has reached $FF, an overflow is generated. In
this case, if the auto-reload function is enabled, timer C is initialized to its initial value; if auto-reload is
disabled, the timer is initialized to $00. The overflow sets the timer C interrupt request flag (IFTC: $002,
bit 2).
Timer C also functions as a watchdog timer. If a program routine runs out of control and an overflow is
generated while the watchdog on (WDON) flag is set, the MCU is reset. This error can be detected by
having the program control timer C reset before timer C reaches $FF.
The WDON can only have 1 written to it ; it is cleared to 0 only by MCU reset.
Timer Mode Register A (TMA: $008): Four-bit write-only register that controls timer A as shown in
table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com