Electronic Components Datasheet Search
  English  ▼

X  

HD404618FS Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 58Page - Renesas Technology Corp HD404618FS Datasheet HTML 59Page - Renesas Technology Corp HD404618FS Datasheet HTML 60Page - Renesas Technology Corp HD404618FS Datasheet HTML 61Page - Renesas Technology Corp HD404618FS Datasheet HTML 62Page - Renesas Technology Corp HD404618FS Datasheet HTML 63Page - Renesas Technology Corp HD404618FS Datasheet HTML 64Page - Renesas Technology Corp HD404618FS Datasheet HTML 65Page - Renesas Technology Corp HD404618FS Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
HD404618 Series
60
Table 29 LCD Frame Periods for Different Duties
Static Duty
LMR
Instruction
cycle time
Bit 3
0
Bit 2
0
Bit 3
0
Bit 2
1
Bit 3
1
Bit 2
0
Bit 3
1
Bit 2
1
CL0
CL1
CL2
CL3*
10
µs
512 Hz
390.6 Hz
48.8 Hz
24.4 Hz/64 Hz
5
µs
512 Hz
781.2 Hz
97.6 Hz
48.8 Hz/64 Hz
1/2 Duty
LMR
Instruction
cycle time
Bit 3
0
Bit 2
0
Bit 3
0
Bit 2
1
Bit 3
1
Bit 2
0
Bit 3
1
Bit 2
1
CL0
CL1
CL2
CL3*
10
µs
256 Hz
195.3 Hz
24.4 Hz
12.2 Hz/32 Hz
5
µs
256 Hz
390.6 Hz
48.8 Hz
24.4 Hz/32 Hz
1/3 Duty
LMR
Instruction
cycle time
Bit 3
0
Bit 2
0
Bit 3
0
Bit 2
1
Bit 3
1
Bit 2
0
Bit 3
1
Bit 2
1
CL0
CL1
CL2
CL3*
10
µs
170.6 Hz
130.2 Hz
16.3 Hz
8.1 Hz/21.3 Hz
5
µs
170.6 Hz
260.4 Hz
32.6 Hz
16.2 Hz/21.3 Hz
1/4 Duty
LMR
Instruction
cycle time
Bit 3
0
Bit 2
0
Bit 3
0
Bit 2
1
Bit 3
1
Bit 2
0
Bit 3
1
Bit 2
1
CL0
CL1
CL2
CL3*
10
µs
128 Hz
97.7 Hz
12.2 Hz
6.1 Hz/16 Hz
5
µs
128 Hz
195.4 Hz
24.4 Hz
12.2 Hz/16 Hz
Note:
* The division ratio depends on the value of bit 3 of timer mode register A (TMA3): The first value is
for TMA3 = 0 and the second is for TMA3 = 1.
When TMA3 = 0, CL3 = f
cyc × duty cycle/4096.
When TMA3 = 1, CL3 = 32.768 kHz
× duty cycle/512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com