Electronic Components Datasheet Search
  English  ▼

X  

HD404618FS Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # HD404618FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618FS Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button HD404618FS Datasheet HTML 76Page - Renesas Technology Corp HD404618FS Datasheet HTML 77Page - Renesas Technology Corp HD404618FS Datasheet HTML 78Page - Renesas Technology Corp HD404618FS Datasheet HTML 79Page - Renesas Technology Corp HD404618FS Datasheet HTML 80Page - Renesas Technology Corp HD404618FS Datasheet HTML 81Page - Renesas Technology Corp HD404618FS Datasheet HTML 82Page - Renesas Technology Corp HD404618FS Datasheet HTML 83Page - Renesas Technology Corp HD404618FS Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
HD404618 Series
78
I/O Characteristics for Standard Pins (HD404612, HD404614, HD404616, HD404618: V
CC = 2.7 V to
6.0 V; HD4074618: V
CC = 3.0 V to 5.5 V, GND = 0.0 V, Ta = –20 to +75°C, unless otherwise specified)
Item
Symbol
Pin(s)
Min
Typ
Max
Test Conditions
Unit Notes
Input high
voltage
V
IH
D
10–D 13,
R0– R3
0.7V
CC
—V
CC + 0.3
V
Input low
voltage
V
IL
D
10–D 13,
R0–R3
–0.3
—
0.3V
CC
V
Output high
voltage
V
OH
R0–R3
V
CC – 1.0
—
—
–I
OH = 0.5 mA
V
Pull-up MOS
current
–I
PU
R0–R3
5
40
90
V
CC = 3 V,
V
in = 0 V
µA
Output low
voltage
V
OL
R0–R3
—
—
0.4
I
OL = 0.4 mA
V
I/O leakage
current
|I
IL|D11 to D13,
R0 to R3
—
—
1
HD404612,
HD404614
HD404616,
HD404618:
V
in = 0 V to VCC
µA1
D
10
—
—
20
HD4074618:
V
in = 0 V to VCC
µA2
Input high
voltage
V
IHA
D
12, D13
(analog
compare mode)
VC
ref+
0.1
——
V
Input low
voltage
V
ILA
D
12, D13
(analog
compare mode)
——
VC
ref – 0.1
V
Note:
1. Output buffer current is excluded.
2. The Max value for the HD404618, HD404616, HD404614, and HD404612 is 1
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com